전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN2528 데이터시트(PDF) 21 Page - Freescale Semiconductor, Inc

부품명 AN2528
상세설명  Standard Space Vector Modulation TPU Function Set (svmStd)
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

AN2528 데이터시트(HTML) 21 Page - Freescale Semiconductor, Inc

Back Button AN2528 Datasheet HTML 17Page - Freescale Semiconductor, Inc AN2528 Datasheet HTML 18Page - Freescale Semiconductor, Inc AN2528 Datasheet HTML 19Page - Freescale Semiconductor, Inc AN2528 Datasheet HTML 20Page - Freescale Semiconductor, Inc AN2528 Datasheet HTML 21Page - Freescale Semiconductor, Inc AN2528 Datasheet HTML 22Page - Freescale Semiconductor, Inc AN2528 Datasheet HTML 23Page - Freescale Semiconductor, Inc AN2528 Datasheet HTML 24Page - Freescale Semiconductor, Inc AN2528 Datasheet HTML 25Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
AN2528/D
Detailed Function Description
Standard Space Vector Modulation TPU Function Set (svmStd)
21
Synchronized Change
of PWM Prescaler
And Resolver
Reference Signals
Prescaler
The svmStd_res TPU function can inherit the Synchronization Signal prescaler
that is synchronously changed with the PWM prescaler. Write the
synchronization signals presc_copy parameter address to the presc_addr
parameter to enable this mechanism. Write 0 to disable it, and in this case set
the prescaler parameter to directly specify prescaler value.
Host Interface
Table 15. svmStd_res Control Bits
Name
Options
Channel Function Select
svmStd_res function number
(Assigned during assembly the
DPTRAM code from library TPU
functions)
Channel Priority
00 – Channel Disabled
01 – Low Priority
10 – Middle Priority
11 – High Priority
Host Service Bits (HSR)
00 – No Host Service Request
01 – Not used
10 – Initialization
11 – Not used
Host Sequence Bits (HSQ)
xx – Not used
Channel Interrupt Enable
x – Not used
Channel Interrupt Status
x – Not used
Written By CPU
Written By TPU
Written by both CPU and TPU
Not Used
32
1
0
1
0
1
0
1
0
0
0
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28