전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M39012/80B3003 데이터시트(PDF) 31 Page - ITT Industries

부품명 M39012/80B3003
상세설명  RF Coaxial Connectors
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ITT [ITT Industries]
홈페이지  http://www.ittcannon.com
Logo ITT - ITT Industries

M39012/80B3003 데이터시트(HTML) 31 Page - ITT Industries

Back Button M39012/80B3003 Datasheet HTML 27Page - ITT Industries M39012/80B3003 Datasheet HTML 28Page - ITT Industries M39012/80B3003 Datasheet HTML 29Page - ITT Industries M39012/80B3003 Datasheet HTML 30Page - ITT Industries M39012/80B3003 Datasheet HTML 31Page - ITT Industries M39012/80B3003 Datasheet HTML 32Page - ITT Industries M39012/80B3003 Datasheet HTML 33Page - ITT Industries M39012/80B3003 Datasheet HTML 34Page - ITT Industries M39012/80B3003 Datasheet HTML 35Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 42 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
132
RF Coaxial Connectors
Assembly Instructions
BBAI-1041
SMZ Right Angle Connectors, Solder Contact, for Braided Cable
Cable
Die Size
BT2001
4,52 (.178)
BT2002
5,18 (.204)
BT2003
6,81 (.268)
BT3002
4,52 (.178)
RG59B/U
6,48 (.255)
RG62/U
6,48 (.255)
RG140/U
6,48 (.255)
RG179B/U
3,25 (.128)
RG180/U
4,52 (.178)
RG187A/U
3,25 (.128)
RG195A/U
4,52 (.178)
RD179
3,84 (.151)
TZC75024
4,52 (.178)
FERRULE
BODY
CAP
1. Trim cable to dimensions shown being careful not to nick the braid or center conductor. Tin center
conductor, (DO NOT OVER TIN), then slip ferrule over cable.
2. Insert trimmed cable into tubular extension. This will slide under the braid. The center conductor
will extend into the slotted contact.
3. Slip cable and ferrule up to face of body and crimp in position using ITT Cannon crimp tool and
suitable die set (see table). Solder center conductor to contact. Press cap into body using a flat
punch or ITT Cannon Tool T2921.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42