전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DSP56321RM 데이터시트(PDF) 59 Page - NXP Semiconductors

부품명 DSP56321RM
상세설명  24-Bit Digital Signal Processor
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

DSP56321RM 데이터시트(HTML) 59 Page - NXP Semiconductors

Back Button DSP56321RM Datasheet HTML 55Page - NXP Semiconductors DSP56321RM Datasheet HTML 56Page - NXP Semiconductors DSP56321RM Datasheet HTML 57Page - NXP Semiconductors DSP56321RM Datasheet HTML 58Page - NXP Semiconductors DSP56321RM Datasheet HTML 59Page - NXP Semiconductors DSP56321RM Datasheet HTML 60Page - NXP Semiconductors DSP56321RM Datasheet HTML 61Page - NXP Semiconductors DSP56321RM Datasheet HTML 62Page - NXP Semiconductors DSP56321RM Datasheet HTML 63Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 84 page
background image
Package Description
DSP56321 Technical Data, Rev. 11
Freescale Semiconductor
3-9
MODA
C4
PB4
N3
Reserved
M9
MODB
A5
PB5
P2
Reserved
N10
MODC
C5
PB6
N1
RESET
N5
MODD
B5
PB7
N2
RXD
F1
NC
A1
PB8
M3
SC00
F3
NC
A14
PB9
M1
SC01
D2
NC
B14
PC0
F3
SC02
C1
NC
M10
PC1
D2
SC10
F2
NC
N8
PC2
C1
SC11
A2
NC
P1
PC3
H3
SC12
B2
NC
P5
PC4
E3
SCK0
H3
NC
P14
PC5
E1
SCK1
G1
NMI
D1
PD0
F2
SCLK
G2
PB0
M5
PD1
A2
SRD0
E3
PB1
P4
PD2
B2
SRD1
B1
PB10
M2
PD3
G1
STD0
E1
PB11
J2
PD4
B1
STD1
C2
PB12
J3
PD5
C2
TA
P10
PB13
L1
PE0
F1
TCK
C3
PB14
K2
PE1
G3
TDI
B3
PB15
J1
PE2
G2
TDO
A4
PB2
N4
PINIT
D1
TIO0
L3
PB3
P3
RD
M12
TIO1
L2
Table 3-2.
Signal List by Signal Name (Continued)
Signal Name
Ball
No.
Signal Name
Ball
No.
Signal Name
Ball
No.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84