전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MPC801 데이터시트(PDF) 90 Page - NXP Semiconductors

부품명 MPC801
상세설명  Design Specification
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC801 데이터시트(HTML) 90 Page - NXP Semiconductors

Back Button MPC801 Datasheet HTML 86Page - NXP Semiconductors MPC801 Datasheet HTML 87Page - NXP Semiconductors MPC801 Datasheet HTML 88Page - NXP Semiconductors MPC801 Datasheet HTML 89Page - NXP Semiconductors MPC801 Datasheet HTML 90Page - NXP Semiconductors MPC801 Datasheet HTML 91Page - NXP Semiconductors MPC801 Datasheet HTML 92Page - NXP Semiconductors MPC801 Datasheet HTML 93Page - NXP Semiconductors MPC801 Datasheet HTML 94Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 242 page
background image
Support Information
MPC8XXFADS Design Specification—Rev 0.1
PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE
AdsAck.ar
= Reset;
AdsAck.oe
= ADS_IS_SELECTED;
S_HstReq.clk = IClk;
DS_HstReq.clk = IClk;
S_HstReq := HstReq;
DS_HstReq := S_HstReq.fb & HstReq;"double synced
S_D_C~.clk = IClk;" synchronizing D_C~ selector
S_D_C~ := D_C~;
state_diagram AdsAck
state !ADS_ACK_ACTIVE:
if ( (HOST_WRITE_ADI_CONTROL #
(HOST_WRITE_ADI_DATA & !PdaRst.fb) )
& BndTmrExp.fb) then
ADS_ACK_ACTIVE
else
!ADS_ACK_ACTIVE;
state ADS_ACK_ACTIVE:
if ( DS_HstReq.fb==!HOST_REQ_ACTIVE ) then
!ADS_ACK_ACTIVE
else
ADS_ACK_ACTIVE;
"******************************************************************************
"* Transmit Enable logic.
"* Enables transmit of serial data over DSDI and generation of serial
"* clock over DSCK.
"* Transmission begins immediately after data written by the host is latched
"* into the transmit shift register and ends after 7 shifts were made to the
"* tx shift register.
"* Termination is done using a 4 bit counter TxWordLength which has a terminal
"* count (and reset) TxWordEnd.
"******************************************************************************
equations
TxEn.ar = Reset;
TxEn.clk = IClk;" to provide 1/2 clock resolution
state_diagram TxEn
state TX_DISABLED:
if(HOST_WRITE_ADI_DATA & BndTmrExp.fb & !PdaRst.fb) then
TX_ENABLED
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More