| 전자부품 데이터시트 검색엔진 |
|
MPC8347A 데이터시트(PDF) 6 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8347A 데이터시트(HTML) 6 Page - Freescale Semiconductor, Inc |
|
6 / 108 page ![]() MPC8347EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications, Rev. 3 6 Freescale Semiconductor Overview — Misaligned transfer capability — Data chaining and direct mode — Interrupt on completed segment and chain • DUART — Two 4-wire interfaces (RxD, TxD, RTS, CTS) — Programming model compatible with the original 16450 UART and the PC16550D • Serial peripheral interface (SPI) for master or slave • General-purpose parallel I/O (GPIO) — 52 parallel I/O pins multiplexed on various chip interfaces • System timers — Periodic interrupt timer — Real-time clock — Software watchdog timer — Eight general-purpose timers • Designed to comply with IEEE Std. 1149.1™, JTAG boundary scan • Integrated PCI bus and SDRAM clock generation |