전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CAT1021 데이터시트(PDF) 22 Page - Catalyst Semiconductor

부품명 CAT1021
상세설명  Catalyst Semiconductor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CATALYST [Catalyst Semiconductor]
홈페이지  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT1021 데이터시트(HTML) 22 Page - Catalyst Semiconductor

Back Button CAT1021 Datasheet HTML 18Page - Catalyst Semiconductor CAT1021 Datasheet HTML 19Page - Catalyst Semiconductor CAT1021 Datasheet HTML 20Page - Catalyst Semiconductor CAT1021 Datasheet HTML 21Page - Catalyst Semiconductor CAT1021 Datasheet HTML 22Page - Catalyst Semiconductor CAT1021 Datasheet HTML 23Page - Catalyst Semiconductor CAT1021 Datasheet HTML 24Page - Catalyst Semiconductor CAT1021 Datasheet HTML 25Page - Catalyst Semiconductor CAT1021 Datasheet HTML 26Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
Visit our website for samples, data sheets, and additional product information.
20
ALO
GENFR
TM
LEAD FREE
PRODUCT LIST
I2C Bus Serial EEPROM Family with Partial Array Write Protect
Part
Number
Temp
Range
Density
(org)
ICC
(Active/
Standby)
Min Voltage/ Max Clock
Frequency
Voltage
Range
Package (Pin Count)1
SOIC
TDFN
CAT24WC03
C,I,A,E
2Kb (256x8)
3mA/1µA
1.8V/100kHz,2.5V/100kHz,
4.5V/400kHz
1.8 - 5.5V
8
8
8
8
CAT24WC05
C,I,A,E
4Kb (512x8)
3mA/1µA
1.8V/100kHz,2.5V/100kHz,
4.5V/400kHz
1.8 - 5.5V
8
8
8
8
CAT24FC17
I,E
16Kb (2048x8)
3mA/1µA
1.8V/100kHz,2.5V/400kHz
1.8 - 5.5V
8
8
8
8
8
CAT24WC33
C,I,A,E
32Kb (4096x8)
3mA/1µA
1.8V/100kHz,2.5V/100kHz,
4.5V/400kHz
1.8 - 5.5V
8
8
8
CAT24WC65
C,I,A,E
64Kb (8192x8)
3mA/1µA
1.8V/100kHz,2.5V/100kHz,
4.5V/400kHz
1.8 - 5.5V
8
8
8
CAT24WC66
C,I,A,E
64Kb (8192x8
3mA/1µA
1.8V/400kHz,2.5V/400kHz
1.8 - 5.5V
8
8
8
CAT24FC65
I,E
64Kb (8192x8)
3mA/1µA
2.5V/400kHz
2.5 - 5.5V
8
8
8
8
8
CAT24FC66
I,E
64Kb (8192x8)
3mA/1µA
2.5V/400kHz
2.5 - 5.5V
8
8
8
8
8
CAT24WC129
C,I,A,E
128Kb (16Kx8)
3mA/1µA
1.8V/100kHz,2.5V/400kHz
1.8 - 5.5V
8
8
8
CAT24WC257
C,I,A,E
256Kb (32Kx8)
3mA/1µA
1.8V/100kHz,2.5V/400kHz
1.8 - 5.5V
8
8
SPI Bus Serial EEPROM Family (Mitsubishi Compatible)
Part
Number
Temp
Range
Density
(org)
ICC
(Active/
Standby)
Min Voltage/ Max Clock
Frequency
Voltage
Range
Package (Pin Count)1
SOIC
CAT64LC10
C,I,A
1Kb (64x16)
1mA/1µA
1MHz
2.5 - 6.0V
8
8
8
8
8
CAT64LC20
C,I,A
2Kb (128x16)
1mA/1µA
1MHz
2.5 - 6.0V
8
8
8
8
8
CAT64LC40
C,I,A
4Kb (256x16)
1mA/1µA
1MHz
2.5 - 6.0V
8
8
8
8
8
s e r i a l e e p r o m s
Note:
1. Available in standard and“green”packages.
All product documentation can be found on the Catalyst Semiconductor web site at www.catsemi.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28