| 전자부품 데이터시트 검색엔진 |
|
VIPER20ADIP-E 데이터시트(PDF) 27 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
VIPER20ADIP-E 데이터시트(HTML) 27 Page - STMicroelectronics |
|
27 / 34 page ![]() VIPer20A-E Package mechanical data 27/34 Figure 28. Package dimension Table 12. PowerSO-10 mechanical data Dim. mm Inch Min Typ Max Min Typ Max A 3.35 3.65 0.132 0.144 A1 0.00 0.10 0.000 0.004 B 0.40 0.60 0.016 0.024 C 0.35 0.55 0.013 0.022 D 9.40 9.60 0.370 0.378 D1 7.40 7.60 0.291 0.300 e 1.27 0.050 E 9.30 9.50 0.366 0.374 E1 7.20 7.40 0.283 0.291 E2 7.20 7.60 0.283 0.300 E3 6.10 6.35 0.240 0.250 E4 5.90 6.10 0.232 0.240 F 1.25 1.35 0.049 0.053 h 0.50 0.002 H 13.80 14.40 0.543 0.567 L 1.20 1.80 0.047 0.071 q 1.70 0.067 α 0o 8o |