전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STTH2R02 데이터시트(PDF) 6 Page - STMicroelectronics

부품명 STTH2R02
상세설명  Ultrafast recovery diode
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH2R02 데이터시트(HTML) 6 Page - STMicroelectronics

  STTH2R02 Datasheet HTML 1Page - STMicroelectronics STTH2R02 Datasheet HTML 2Page - STMicroelectronics STTH2R02 Datasheet HTML 3Page - STMicroelectronics STTH2R02 Datasheet HTML 4Page - STMicroelectronics STTH2R02 Datasheet HTML 5Page - STMicroelectronics STTH2R02 Datasheet HTML 6Page - STMicroelectronics STTH2R02 Datasheet HTML 7Page - STMicroelectronics STTH2R02 Datasheet HTML 8Page - STMicroelectronics STTH2R02 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Package information
STTH2R02
6/9
3
Package information
Epoxy meets UL94, V0
Table 5.
DO-15 Dimensions
Figure 14.
SMA footprint (dimensions in mm)
REF.
DIMENSIONS
Millimeters
Inches
Min.
Max.
Min.
Max.
A
6.05
6.75
0.238
0.266
B
2.95
3.53
0.116
0.139
C
26
31
1.024
1.220
D
0.71
0.88
0.028
0.035
Table 6.
SMA dimensions
REF.
DIMENSIONS
Millimeters
Inches
Min.
Max.
Min.
Max.
A1
1.90
2.03
0.075
0.080
A2
0.05
0.20
0.002
0.008
b
1.25
1.65
0.049
0.065
c
0.15
0.41
0.006
0.016
E
4.80
5.60
0.189
0.220
E1
3.95
4.60
0.156
0.181
D
2.25
2.95
0.089
0.116
L
0.75
1.60
0.030
0.063
D
B
A
CC
1.67
4.94
1.73
1.48
1.73



Html Pages

1 2 3 4 5 6 7 8 9