전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SP3080EMN/TR 데이터시트(PDF) 6 Page - Sipex Corporation

부품명 SP3080EMN/TR
상세설명  Advanced-Failsafe RS-485/RS-422 Transceiver 1/8th Unit Load, Slew-Limited, 짹15kV ESD-Protected
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SIPEX [Sipex Corporation]
홈페이지  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3080EMN/TR 데이터시트(HTML) 6 Page - Sipex Corporation

Back Button SP3080EMN/TR Datasheet HTML 2Page - Sipex Corporation SP3080EMN/TR Datasheet HTML 3Page - Sipex Corporation SP3080EMN/TR Datasheet HTML 4Page - Sipex Corporation SP3080EMN/TR Datasheet HTML 5Page - Sipex Corporation SP3080EMN/TR Datasheet HTML 6Page - Sipex Corporation SP3080EMN/TR Datasheet HTML 7Page - Sipex Corporation SP3080EMN/TR Datasheet HTML 8Page - Sipex Corporation SP3080EMN/TR Datasheet HTML 9Page - Sipex Corporation SP3080EMN/TR Datasheet HTML 10Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
Rev N 9/15/2006
SP3080E Advanced RS485 Transceivers
© Copyright 2006 Sipex Corporation
6
TIMING CHARACTERISTICS
SP3080E
Conditions
Min. Typ. Max. Unit
DRIVER CHARACTERISTICS:
Data Signaling Rate (1 / tUI)
Duty Cycle 40 to 60%
115
Kbps
Driver Propagation Delay (tPHL, tPLH)
RL = 54Ω, CL = 50pF,
Figure 3
500 1000 2600
ns
Driver Output Rise/Fall Time (tR, tF)
667
800 2500
ns
Driver Differential Skew (tPLH – tPHL)
40 ±200
ns
Driver Enable to Output High (tDZH)
SP3080E
Figure 4, 5
3500
ns
Driver Enable to Output Low (tDZL)
3500
ns
Driver Disable from Output High (tDHZ)
100
ns
Driver Disable from Output Low (tDLZ)
100
ns
Shutdown to Driver Output Valid (tDZV)
Figure 5
6000
ns
Receiver CHARACTERISTICS:
Conditions
Min. Typ. Max. Unit
Receiver Prop. Delay
CL = 15pF, VID = ±2V,
Figure 6
90
200
ns
Differential Receiver Skew
6
±30
ns
Receiver Output Rise/Fall Time
CL = 15pf
15
ns
Receiver Enable to Output High (tZH)
Figure 7, 8
20
50
ns
Receiver Enable to Output Low (tZL)
Figure 7, 8
16
50
ns
Receiver Disable from High (tHZ)
Figure 7, 8
20
50
ns
Receiver Disable from Low (tLZ)
Figure 7, 8
18
50
ns
Shutdown to Receiver Output Valid (tROV)
3500
ns
Time to Shutdown, Note 3,5
50
200 600
ns
Unless otherwise stated, VCC=5V±10%, TAMB= TMIN to TMAX. Typical values at TAMB=25ºC
Notes:
1. Change in Magnitude of Differential Output Voltage and Change in Magnitude of Common Mode Output Voltage are the changes in output voltage
when DI input changes state.
3. The transceivers are put into shutdown by bringing RE high and DE low. If the inputs are in this state for less than 50ns the device does not enter
shutdown. If the enable inputs are held in this state for at least 600ns the device will be in shutdown. In this low power mode most circuitry is disabled
and supply current is typically 650nA.
4.Hot-swap circuit adds pull-down resistance to first DE or RE transition.
5. Characterized, Not 100% tested
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Thermal Shutdown Temperature
Junction temperature
165
o
C
Thermal Shutdown Hysteresis
15
ESD Protection for A, B, Y, Z pins
IEC 1000-4-2 Air Discharge
±15
kV
IEC 1000-4-2 Contact
±8
Human Body Model
±15
ESD Protection for RO, DI, DE, RE pins
Human Body Model
±2
ELECTRICAL CHARACTERISTICS
Unless otherwise stated, VCC=5V±10%, TAMB= TMIN to TMAX. Typical values at TAMB=25ºC
Notes:
1. Change in Magnitude of Differential Output Voltage and Change in Magnitude of Common Mode Output Voltage are the changes in output voltage
when DI input changes state.
3. The transceivers are put into shutdown by bringing RE high and DE low. If the inputs are in this state for less than 50ns the device does not enter
shutdown. If the enable inputs are held in this state for at least 600ns the device will be in shutdown. In this low power mode most circuitry is disabled
and supply current is typically 650nA.
4.Hot-swap circuit adds pull-down resistance to first DE or RE transition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com