전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STP04CM596B1R 데이터시트(PDF) 16 Page - STMicroelectronics

부품명 STP04CM596B1R
상세설명  4-Bit constant current for power-LED, LED sink driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP04CM596B1R 데이터시트(HTML) 16 Page - STMicroelectronics

Back Button STP04CM596B1R Datasheet HTML 12Page - STMicroelectronics STP04CM596B1R Datasheet HTML 13Page - STMicroelectronics STP04CM596B1R Datasheet HTML 14Page - STMicroelectronics STP04CM596B1R Datasheet HTML 15Page - STMicroelectronics STP04CM596B1R Datasheet HTML 16Page - STMicroelectronics STP04CM596B1R Datasheet HTML 17Page - STMicroelectronics STP04CM596B1R Datasheet HTML 18Page - STMicroelectronics STP04CM596B1R Datasheet HTML 19Page - STMicroelectronics STP04CM596B1R Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
Typical characteristics
STP04CM596
16/24
Figure 16. Blue powerLED typ. application circuit
Note:
VL will be determined by the VF of the LEDs
Table 8. Typ. output waveform with blue powerLEDs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24