| 전자부품 데이터시트 검색엔진 |
|
BY01AF2CWCLQ2 데이터시트(PDF) 1 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
BY01AF2CWCLQ2 데이터시트(HTML) 1 Page - ITT Industries |
|
1 / 5 page ![]() M M–22 Dimensions are shown: Inch (mm) Specifications and dimensions subject to change www.ittcannon.com Models Available C&K BY Series 4 Tumbler Value Added Security Switchlocks Features/Benefits • Anti-static switch • Removable lock core • Latch pawl option • Snap-together assembly Typical Applications • Computers • Point-of-sale terminals • Postal equipment Specifications CONTACT RATING: Q contact material: 4 AMPS @ 125 V AC or 28 V DC; 2 AMPS @ 250 V AC (UL/CSA). Low level models with gold plating available. See page M-26 for additional ratings. ELECTRICAL LIFE: 10,000 make-and-break cycles at full load. CONTACT RESISTANCE: Below 10 m Ω typ. initial @ 2-4 V DC, 1 00 mA,for both silver and gold plated contacts. INSULATION RESISTANCE: 109 Ω min. DIELECTRIC STRENGTH: 1,000 Vrms min. @ sea level. INDEXING: 45º or 90º, 2-3 positions. Other functions available, consult Customer Service Center. STATIC RESISTANCE: Anti-static models exceed 20 KV DC static resistance @ sea level, lock body to terminals. NOTE: Any models supplied with Q, B or G contact material are RoHS compliant. For the latest information regarding RoHS compliance, please go to: www.ittcannon.com/rohs. NOTE: Specifications and materials listed above are for switchlocks with standard options. For information on specific and custom switchlocks, consult Customer Service Center. Materials LOCK: 4 tumbler lock with positive detent. Shell-zinc alloy; Core-ABS plastic, black, std.; Facing-ABS plastic, black. KEYS: Two nickel plated brass keys with code number. Plastic key cover, black. SWITCH HOUSING: Glass filled polyester (UL 94V-0). CONTACTS & TERMINALS: Q contact material: Copper, silver plated. See page M-26 for additional contact materials. MOUNTING NUT: Zinc alloy. MOUNTING CLIP: Steel, zinc plated. TERMINAL SEAL: Epoxy. Build-A-Switch To order, simply select desired option from each category and place in the appropriate box. Available options are shown and described on pages M–23 through M–26. For additional options not shown in catalog, consult Customer Service Center. Switch and Lock Function BY011U SP, 90º, Index, keypull pos. 1 & 2 BY211U DP, 90º Index, keypull pos. 1 & 2 BY01AF SP, 45° Index, keypull pos. 1, 2 & 3 BY21AF DP, 45° Index, keypull pos. 1, 2 & 3 Lock Color 2 Black Key Color 2 Black NONE Nickel plated brass Keying J One plastic round head key and one nickel plated key 2 Two nickel plated keys Mounting Style N With nut D With clip L With latch pawl and nut M With latch pawl and clip Terminations 03 Solder lug with hole WC Wire lead Contact Material Q Silver B Gold G Gold over silver Lock Type C 4 Tumbler lock with detent |
유사한 설명 - BY01AF2CWCLQ2 |