전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ICS95V842 데이터시트(PDF) 4 Page - Renesas Technology Corp

부품명 ICS95V842
상세설명  DDR Phase Lock Loop Clock Driver (60MHz - 220MHz)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS95V842 데이터시트(HTML) 4 Page - Renesas Technology Corp

  ICS95V842 Datasheet HTML 1Page - Renesas Technology Corp ICS95V842 Datasheet HTML 2Page - Renesas Technology Corp ICS95V842 Datasheet HTML 3Page - Renesas Technology Corp ICS95V842 Datasheet HTML 4Page - Renesas Technology Corp ICS95V842 Datasheet HTML 5Page - Renesas Technology Corp ICS95V842 Datasheet HTML 6Page - Renesas Technology Corp ICS95V842 Datasheet HTML 7Page - Renesas Technology Corp ICS95V842 Datasheet HTML 8Page - Renesas Technology Corp ICS95V842 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
ICS95V842
0830B—11/24/08
Timing Requirements
TA = 0°C to +85°C; Supply Voltage AVDD, VDD = 2.5 V +/- 0.2V (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
MAX
UNITS
Max clock frequency
3
freqop
33
233
MHz
Application Frequency
Range
3
freqApp
60
220
MHz
Input clock duty cycle
dtin
40
60
%
CLK stabilization
TSTAB
100
µs
DC Electrical Characteristics
TA = 0°C to +85°C; Supply Voltage AVDD, VDD = 2.5 V +/- 0.2V (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage
VDDQ, AVDD
2.3
2.5
2.7
V
Low level input voltage
VIL
CLK_INT, CLK_INC, FB_INC,
FB_INT
0.4
VDD/2 - 0.18
V
High level input voltage
VIH
CLK_INT, CLK_INC, FB_INC,
FB_INT
VDD/2 + 0.18
2.1
V
DC input signal voltage
(note 1,2)
VIN
-0.3
VDD + 0.3
V
Differential input signal
voltage (note 3)
VID
CLK_INT, CLK_INC, FB_INC,
FB_INT
0.36
VDD + 0.6
V
Differential output voltage
(note 3)
VOD
CLK_INT, CLK_INC, FB_INC,
FB_INT
0.7
VDD + 0.6
V
Output differential cross-
voltage (note 4)
VOX
VDD/2 - 0.15
VDD/2 + 0.15
V
Input differential cross-
voltage (note 4)
VIX
VDD/2 - 0.2
VDD/2
VDD/2 + 0.2
V
Operating free-air
temperature
TA
085
°C
Notes:
1
2
3
4
Differential input signal voltage specifies the differential voltage [VTR-VCP] required for switching,
where VTR is the true input level and VCP is the complementary input level.
Differential cross-point voltage is expected to track variations of VDD and is the voltage at which
the differential signal must be crossing.
Unused inputs must be held high or low to prevent them from floating.
DC input signal voltage specifies the allowable DC excursion of differential input.



Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com