| 전자부품 데이터시트 검색엔진 |
|
GT-503GB 데이터시트(PDF) 1 Page - Yuechung International Corp. |
|
|
|||||||||||||||||||||||||||||
GT-503GB 데이터시트(HTML) 1 Page - Yuechung International Corp. |
|
1 / 11 page ![]() GT Series Yuechung International Corp. (YIC) 1 URL: www.yic.com.tw E-mail: service@yic.com.tw Y YI IC C GPS & BDS Receiver (G-Mouse) 1. Product Information 1.1 Product Name : GT-503GB (Adhesive Mount) GT-503MGB (Magnetic Mount) 1.2 Product Description: GT-503(M)GB is a compact, high performance, and low power consumption G-Mouse. It uses the chipset of MediaTek which can track up to 99 channels at a time and perform fast TTFF in weak signal environments. GT-503(M)GB is suitable for the following applications: ‧ Automotive navigation ‧ Personal positioning ‧ Fleet management ‧ Marine navigation 1.3 Product Features: ‧ High performance and low power consumption GNSS Chipset ‧ Very high sensitivity ‧ Extremely fast TTFF (Time To First Fix) at low signal level ‧ Chipset protocol ‧ LED display for GPS status ‧ Custom printed marking are available |
유사한 부품 번호 - GT-503GB |
|
유사한 설명 - GT-503GB |