전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GT-503GG 데이터시트(PDF) 2 Page - Yuechung International Corp.

부품명 GT-503GG
상세설명  GPS & GLONASS Receiver (G-Mouse)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  YIC [Yuechung International Corp.]
홈페이지  https://www.yic.com.tw/en/home-en/
Logo YIC - Yuechung International Corp.

GT-503GG 데이터시트(HTML) 2 Page - Yuechung International Corp.

  GT-503GG Datasheet HTML 1Page - Yuechung International Corp. GT-503GG Datasheet HTML 2Page - Yuechung International Corp. GT-503GG Datasheet HTML 3Page - Yuechung International Corp. GT-503GG Datasheet HTML 4Page - Yuechung International Corp. GT-503GG Datasheet HTML 5Page - Yuechung International Corp. GT-503GG Datasheet HTML 6Page - Yuechung International Corp. GT-503GG Datasheet HTML 7Page - Yuechung International Corp. GT-503GG Datasheet HTML 8Page - Yuechung International Corp. GT-503GG Datasheet HTML 9Page - Yuechung International Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
GT Series
Yuechung International Corp. (YIC)
2
URL: www.yic.com.tw
E-mail: service@yic.com.tw
Y
YI
IC
C
1.4 Product Specifications
GNSS Performance
GNSS Receiver
Chip
MediaTek
Frequency
GPS, GALILEO, QZSS: L1 1575.42MHz, C/A code
GLONASS L10F
SBAS L1 C/A:WAAS, EGNOS, MSAS
Channels
Support 99 channels (33 Tracking, 99 Acquisition)
Update rate
1Hz default, up to 10Hz
Sensitivity
Tracking
-161dBm, up to -165dBm (with external LNA)
Cold start
-142.5dBm, up to -148dBm (with external LNA)
Acquisition Time
Hot start (Open Sky)
< 1s
Cold Start (Open Sky)
< 38s
< 18s with AGPS
Position
Accuracy
Autonomous
5m (2D RMS).
SBAS
2.5m (depends on accuracy of correction data).
Max. Altitude
< 18,000 m, up to 50,000m by request
Max. Velocity
Velocity < 515 m/s
Protocol Support
NMEA 0183
9600 bps, 8 data bits, no parity, 1 stop bits
(default) 1Hz: GGA, GLL, GSA, GSV, RMC,
VTG
Physical Characteristic
Dimensions
55.0mm * 46.0 mm * 14.5mm ±0.2mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com