| 전자부품 데이터시트 검색엔진 |
|
ICS581-01 데이터시트(PDF) 9 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
ICS581-01 데이터시트(HTML) 9 Page - Renesas Technology Corp |
|
9 / 10 page ![]() ICS581-01/02 ZERO DELAY GLITCH-FREE CLOCK MULTIPLEXER ZDB AND MULTIPLEXER IDT™ / ICS™ ZERO DELAY GLITCH-FREE CLOCK MULTIPLEXER 9 ICS581-01/02 REV L 051310 Ordering Information "LF" suffix to the part number are the Pb-Free configuration and are RoHS compliant. While the information presented herein has been checked for both accuracy and reliability, Integrated Device Technology (IDT) assumes no responsibility for either its use or for the infringement of any patents or other rights of third parties, which would result from its use. No other circuits, patents, or licenses are implied. This product is intended for use in normal commercial applications. Any other applications such as those requiring extended temperature range, high reliability, or other extraordinary environmental requirements are not recommended without additional processing by IDT. IDT reserves the right to change any circuitry or specifications without notice. IDT does not authorize or warrant any IDT product for use in life support devices or critical medical instruments. Part / Order Number Marking Shipping Packaging Package Temperature 581G-01ILF See page 7 Tubes 16-pin TSSOP -40 to +85 ° C 581G-01ILFT Tape and Reel 16-pin TSSOP -40 to +85 ° C 581G-01LF Tubes 16-pin TSSOP 0 to +70 ° C 581G-01LFT Tape and Reel 16-pin TSSOP 0 to +70 ° C 581G-02ILF Tubes 16-pin TSSOP -40 to +85 ° C 581G-02ILFT Tape and Reel 16-pin TSSOP -40 to +85 ° C 581G-02LF Tubes 16-pin TSSOP 0 to +70 ° C 581G-02LFT Tape and Reel 16-pin TSSOP 0 to +70 ° C |