| 전자부품 데이터시트 검색엔진 |
|
PD54003TR-E 데이터시트(PDF) 7 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
PD54003TR-E 데이터시트(HTML) 7 Page - STMicroelectronics |
|
7 / 28 page ![]() PD54003-E, PD54003S-E Typical performance 7/28 PD54003 Figure 5. Output power vs. input power Figure 6. Power gain vs. output power Figure 7. Drain efficiency vs. output power Figure 8. Return loss vs. output power 0 0.1 0.2 0.3 0.4 Pin, INPUT POWER (W) 0 1 2 3 4 5 480 MHz 500 MHz 520 MHz Vdd= 7.5 V Idq= 50 mA 01 234 Pout, OUTPUT POWER (W) 6 8 10 12 14 16 480 MHz 500 MHz 520 MHz Vdd= 7.5 V Idq= 50 mA 01 2 3 4 Pout, OUTPUT POWER (W) 10 20 30 40 50 60 70 80 480 MHz 500 MHz 520 MHz Vdd= 7.5 V Idq= 50 mA 01 2 3 4 Pout, OUTPUT POWER (W) -40 -30 -20 -10 0 480 MHz 500 MHz 520 MHz Vdd= 7.5 V Idq= 50 mA |