전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ICS1893CFLF 데이터시트(PDF) 42 Page - Renesas Technology Corp

부품명 ICS1893CFLF
상세설명  3.3-V 10Base-T/100Base-TX Integrated PHYceiver™
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS1893CFLF 데이터시트(HTML) 42 Page - Renesas Technology Corp

Back Button ICS1893CFLF Datasheet HTML 38Page - Renesas Technology Corp ICS1893CFLF Datasheet HTML 39Page - Renesas Technology Corp ICS1893CFLF Datasheet HTML 40Page - Renesas Technology Corp ICS1893CFLF Datasheet HTML 41Page - Renesas Technology Corp ICS1893CFLF Datasheet HTML 42Page - Renesas Technology Corp ICS1893CFLF Datasheet HTML 43Page - Renesas Technology Corp ICS1893CFLF Datasheet HTML 44Page - Renesas Technology Corp ICS1893CFLF Datasheet HTML 45Page - Renesas Technology Corp ICS1893CFLF Datasheet HTML 46Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 127 page
background image
ICS1893CF, Rev. K, 05/13/10
May, 2010
42
Chapter 7 Management Register Set
ICS1893CF Data Sheet - Release
Copyright © 2009, Integrated Device Technology, Inc.
All rights reserved.
Chapter 7 Management Register Set
The tables in this chapter detail the functionality of the bits in the management register set. The tables
include the register locations, the bit positions, the bit definitions, the STA Read/Write Access Types, the
default bit values, and any special bit functions or capabilities (such as self-clearing). Following each table
is a description of each bit. This chapter includes the following sections:
• Section 7.1, “Introduction to Management Register Set”
• Section 7.2, “Register 0: Control Register”
• Section 7.3, “Register 1: Status Register”
• Section 7.4, “Register 2: PHY Identifier Register”
• Section 7.5, “Register 3: PHY Identifier Register”
• Section 7.6, “Register 4: Auto-Negotiation Register”
• Section 7.7, “Register 5: Auto-Negotiation Link Partner Ability Register”
• Section 7.8, “Register 6: Auto-Negotiation Expansion Register”
• Section 7.9, “Register 7: Auto-Negotiation Next Page Transmit Register”
• Section 7.10, “Register 8: Auto-Negotiation Next Page Link Partner Ability Register”
• Section 7.11, “Register 16: Extended Control Register”
• Section 7.12, “Register 17: Quick Poll Detailed Status Register”
• Section 7.13, “Register 18: 10Base-T Operations Register”
• Section 7.14, “Register 19: Extended Control Register 2”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com