전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ICS871S1022 데이터시트(PDF) 7 Page - Renesas Technology Corp

부품명 ICS871S1022
상세설명  Differential-to-0.7V Differential PCI Express™ Jitter Attenuator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS871S1022 데이터시트(HTML) 7 Page - Renesas Technology Corp

Back Button ICS871S1022 Datasheet HTML 3Page - Renesas Technology Corp ICS871S1022 Datasheet HTML 4Page - Renesas Technology Corp ICS871S1022 Datasheet HTML 5Page - Renesas Technology Corp ICS871S1022 Datasheet HTML 6Page - Renesas Technology Corp ICS871S1022 Datasheet HTML 7Page - Renesas Technology Corp ICS871S1022 Datasheet HTML 8Page - Renesas Technology Corp ICS871S1022 Datasheet HTML 9Page - Renesas Technology Corp ICS871S1022 Datasheet HTML 10Page - Renesas Technology Corp ICS871S1022 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
ICS871S1022EK November 2, 2017
7
©2017 Integrated Device Technology, Inc.
ICS871S1022 Datasheet
DIFFERENTIAL-TO-0.7V DIFFERENTIAL PCI EXPRESS™ JITTER ATTENUATOR
Table 6B. AC Characteristics, VDD = VDD_XTAL = VDDO = 3.3V ± 5%, TA = 0°C to 70°C
NOTE: Electrical parameters are guaranteed over the specified ambient operating temperature range, which is established when the device
is mounted in a test socket with maintained transverse airflow greater than 500 lfpm. The device will meet specifications after thermal
equilibrium has been reached under these conditions.
NOTE 1. Refer to Phase Noise Plot section.
NOTE 2: This parameter is defined in accordance with JEDEC Standard 65.
NOTE 3: Defined as skew between outputs at the same supply voltage and with equal load conditions. Measured at the output differential
cross points.
NOTE 4. Defined as skew within a bank of outputs at the same voltage and with equal load conditions.
NOTE 5. Jitter performance using XTAL inputs.
NOTE 6: Measurement taken from a single ended waveform.
NOTE 7: Defined as the maximum instantaneous voltage including overshoot. See Parameter Measurement Information Section.
NOTE 8: Defined as the minimum instantaneous voltage including undershoot. See Parameter Measurement Information Section
NOTE 9: Measurement taken from a differential waveform.
NOTE 10:TSTABLE is the time the differential clock must maintain a minimum +- 150 mV differential voltage after rising/falling edges before it
is allowed to drop back into the VRB ±100 mV differential range.
NOTE 11: Measured at crossing point where the instantaneous voltage value of the rising edge of CLK+ equals the falling edge of CLK-.
NOTE 12: Refers to the total variation from the lowest crossing point to the highest, regardless of which edge is crossing. Refers to all crossing
points for this measurement.
NOTE 13: Defined as the total variation of all crossing voltages of rising CLK+ and falling CLK-, This is the maximum allowed variance in
Vcross for any particular system. See Parameter Measurement Information Section
NOTE 14: Measured from -150mV to +150mV on the differential waveform (derived from Q minus nQ). The signal must be monotonic through
the measurement region for rise and fall time. The 300mV measurement window is centered on the differential zero crossing.
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
fOUT
Output Frequency
100
500
MHz
tjit(Ø)
RMS Phase Jitter (Random);
NOTE 1
CLK_SEL = 1
100MHz,
Integration Range (12kHz to 20MHz)
0.608
ps
tsk(o)
Output Skew; NOTE 2, 3
85
ps
tsk(b)
Bank Skew; NOTE 2, 4
30
ps
t
jit(cc)
Cycle-to-Cycle Jitter;
NOTE 2, 5
CLK_SEL = 1, SSC_EN = 0
20
ps
tL
PLL Lock Time
100
ms
VMAX
Absolute Max. Output Voltage;
NOTE 6, 7
1150
mV
VMIN
Absolute Min. Output Voltage;
NOTE 6, 8
-300
mV
VRB
Ringback Voltage;
NOTE 9, 10
-100
100
mV
tSTABLE
Time before VRB is allowed;
Note 9, 10
500
ps
VCROSS
Absolute Crossing Voltage;
NOTE 6, 11, 12
250
550
mV
VCROSS
Total Variation of VCROSS over
all edges;
NOTE 6, 11, 13
140
mV
Rising Edge Rate; Note 9, 14
0.6
4
V/ns
Falling Edge Rate; Note 9, 14
0.6
4
V/ns
odc
Output Duty Cycle; NOTE 9
fOUT  250MHz
48
52
%
fOUT = 500MHz
46
54
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com