전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ICS932S208 데이터시트(PDF) 10 Page - Renesas Technology Corp

부품명 ICS932S208
상세설명  Programmable Timing Control HubTM for Next Gen P4TM Processor
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS932S208 데이터시트(HTML) 10 Page - Renesas Technology Corp

Back Button ICS932S208 Datasheet HTML 6Page - Renesas Technology Corp ICS932S208 Datasheet HTML 7Page - Renesas Technology Corp ICS932S208 Datasheet HTML 8Page - Renesas Technology Corp ICS932S208 Datasheet HTML 9Page - Renesas Technology Corp ICS932S208 Datasheet HTML 10Page - Renesas Technology Corp ICS932S208 Datasheet HTML 11Page - Renesas Technology Corp ICS932S208 Datasheet HTML 12Page - Renesas Technology Corp ICS932S208 Datasheet HTML 13Page - Renesas Technology Corp ICS932S208 Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
IDT® Programmable Timing Control HubTM for Next Gen P4TM Processor
0743H—03/15/13
ICS932S208
Programmable Timing Control HubTM for Next Gen P4TM Processor
10
Electrical Characteristics - REF-14.318MHz
TA = 0 - 70°C; VDD = 3.3 V +/-5%; CL = 10-20 pF (unless otherwise specified)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Long Accuracy
ppm
1
see Tperiod min-max values
-300
300
ppm
Clock period
Tperiod
14.318MHz output nominal
69.8270
69.8550
ns
Output High Voltage
VOH
1
IOH = -1 mA
2.4
V
Output Low Voltage
VOL
1
IOL = 1 mA
0.4
V
Output High Current
IOH
1
V OH @MIN = 1.0 V,
V
OH@MAX = 3.135 V
-29
-23
mA
Output Low Current
IOL
1
VOL @MIN = 1.95 V,
VOL
@MAX = 0.4 V
29
27
mA
Rise Time
tr1
1
VOL = 0.4 V, VOH = 2.4 V
12
ns
Fall Time
tf1
1
VOH = 2.4 V, VOL = 0.4 V
12
ns
Skew
tsk1
1
VT = 1.5 V
500
ps
Duty Cycle
dt1
1
VT = 1.5 V
45
55
%
Jitter
tjcyc-cyc
1
VT = 1.5 V
1000
ps
1Guaranteed by design, not 100% tested in production.
Group to Group Skews at Common Transition Edges
GROUP
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
200MHZ CPU to 3V66
1
SCPU200-3V66
3V66 (4:0) leads 200MHZ
CPU
-2.0
-1.5
-1.0
ns
3V66 to PCI
S3V66-PCI
3V66 (4:0) leads 33MHz PCI
1.50
3.50
ns
DOT-USB
SDOT_USB
180 degrees out of phase
0.00
1.00
ns
DOT-VCH
SDOT_VCH
in phase
0.00
1.00
ns
1. 3V66 MHz CL = 0pf, Rseries = 33 ohm. CPU CL = 2 pf, Rseries = 33 ohm, Rshunt = 49.9 ohms.
Measured at the pins of the 932S208.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com