| 전자부품 데이터시트 검색엔진 |
|
1337GCSRGI 데이터시트(PDF) 20 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
1337GCSRGI 데이터시트(HTML) 20 Page - Renesas Technology Corp |
|
20 / 28 page ![]() IDT1337G REAL-TIME CLOCK WITH I2C SERIAL INTERFACE RTC IDT® REAL-TIME CLOCK WITH I2C SERIAL INTERFACE 20 IDT1337G REV M 073013 Marking Diagram (8 MSOP) Marking Diagram (16 SOIC) Marking Diagram (8 SOIC) Marking Diagram (16 VFQFPN) Notes: 1. # = product stepping. 2. $ = mark code. 3. ** = sequential lot code. 4. YYWW is the last two digits of the year and week that the part was assembled. 5. “XXX” = traceability (lot code). 6. “G” denotes RoHS compliant package. 7. “I” denotes industrial grade. 8. Bottom marking: country of origin if not USA. 7GGI YYWW$ 1 8 9 16 IDT 1337GC SRGI YYWW**$ IDT 1337G DCGI YYWW$ 14 5 8 XXX YWW$ 37GI |