전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PCDP0865GC 데이터시트(PDF) 2 Page - Pan Jit International Inc.

부품명 PCDP0865GC
상세설명  Silicon Carbide Schottky Barrier Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PANJIT [Pan Jit International Inc.]
홈페이지  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

PCDP0865GC 데이터시트(HTML) 2 Page - Pan Jit International Inc.

  PCDP0865GC Datasheet HTML 1Page - Pan Jit International Inc. PCDP0865GC Datasheet HTML 2Page - Pan Jit International Inc. PCDP0865GC Datasheet HTML 3Page - Pan Jit International Inc. PCDP0865GC Datasheet HTML 4Page - Pan Jit International Inc. PCDP0865GC Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PCDP0865GC
April 11,2023
PCDP0865GC-REV.00
Page 2
Electrical Characteristics (Tc = 25
o
C unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNITS
Forward Voltage Drop
VF
IF = 8 A, TJ = 25 oC
-
1.5
1.8
V
IF = 8 A, TJ = 175 oC
-
1.97
-
Reverse Leakage Current
IR
VR = 650 V, TJ = 25 oC
-
1.6
100
μA
VR = 650 V, TJ = 175 oC
-
3
-
μA
Total Capacitive Charge
QC
VR = 400V
-
16
-
nC
Total Capacitance
C
VR = 1V, f = 1MHz
-
260
-
pF
VR = 200V, f = 1MHz
-
30
-
pF
VR = 400V, f = 1MHz
-
26
-
pF
Capacitance Stored Energy
EC
VR = 400V
-
2.4
-
μJ
Thermal Resistance
RθJC
-
2.3
-
oC/W



Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com