전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PDTC144WM 데이터시트(PDF) 12 Page - Nexperia B.V. All rights reserved

부품명 PDTC144WM
상세설명  NPN resistor-equipped transistors; R1 = 47 kΩ, R2 = 22 kΩ
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NEXPERIA [Nexperia B.V. All rights reserved]
홈페이지  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PDTC144WM 데이터시트(HTML) 12 Page - Nexperia B.V. All rights reserved

Back Button PDTC144WM Datasheet HTML 7Page - Nexperia B.V. All rights reserved PDTC144WM Datasheet HTML 8Page - Nexperia B.V. All rights reserved PDTC144WM Datasheet HTML 9Page - Nexperia B.V. All rights reserved PDTC144WM Datasheet HTML 10Page - Nexperia B.V. All rights reserved PDTC144WM Datasheet HTML 11Page - Nexperia B.V. All rights reserved PDTC144WM Datasheet HTML 12Page - Nexperia B.V. All rights reserved PDTC144WM Datasheet HTML 13Page - Nexperia B.V. All rights reserved PDTC144WM Datasheet HTML 14Page - Nexperia B.V. All rights reserved PDTC144WM Datasheet HTML 15Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
2004 Aug 17
11
NXP Semiconductors
Product data sheet
NPN resistor-equipped transistors;
R1 = 47 k
Ω, R2 = 22 kΩ
PDTC144W series
UNIT
A1
max.
bp
cD
E
e1
HE
Lp
Qw
v
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
04-11-04
06-03-16
IEC
JEDEC
JEITA
mm
0.1
0.48
0.38
0.15
0.09
3.0
2.8
1.4
1.2
0.95
e
1.9
2.5
2.1
0.55
0.45
0.1
0.2
DIMENSIONS (mm are the original dimensions)
0.45
0.15
SOT23
TO-236AB
bp
D
e1
e
A
A1
Lp
Q
detail X
HE
E
w M
v M A
B
A
B
0
1
2 mm
scale
A
1.1
0.9
c
X
12
3
Plastic surface-mounted package; 3 leads
SOT23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com