| 전자부품 데이터시트 검색엔진 |
|
E205SD9AV2KE 데이터시트(PDF) 1 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
E205SD9AV2KE 데이터시트(HTML) 1 Page - ITT Industries |
|
1 / 8 page ![]() G–22 G Dimensions are shown: Inch (mm) Specifications and dimensions subject to change www.ittcannon.com C&K E Series Sealed Miniature Toggle Switches Features/Benefits • Sealed against solder and cleaning process contaminants • UL 94V-0 Nylon case and bushing • Multi-positions • ESD protection available • RoHS compliant models available Typical Applications • Telecommunications • Instrumentation • Medical equipment Specifications CONTACT RATING: B contact material: 0.4 VA max. @ 20 V AC or DC max. Q contact material: E1XX & E2XX MODELS: 7.5 AMPS @ 125 V AC or 28 V DC; 3 AMPS @ 250 V AC. E3XX MODELS: 5 AMPS @ 125 V AC or 28 V DC; 2 AMPS @ 250 V AC. See page G-25 for additional ratings. ELECTRICAL LIFE: E1XX and E2XX models: 40,000 make-and-break cycles at full load. E3XX models: 30,000 cycles. CONTACT RESISTANCE: Below 10 m Ω typ. initial @ 2-4 V DC, 100 mA, for both silver and gold plated contacts. INSULATION RESISTANCE: 109 Ω min. ELECTROSTATIC DISCHARGE (ESD) OPTION: F1 conductive bushing only. Dissipates up to 20,000 V DC from actuator to ground. DIELECTRIC STRENGTH: 1000 Vrms min. @ sea level. OPERATING TEMPERATURE: –30ºC to 85ºC. SOLDERABILITY: Per MIL-STD-202F method 208D, or EIA RS-186E method 9 (1 hour steam aging). DEGREE OF PROTECTION: IP57; Protection against harmful dust deposit, full-scale voltage protection, temporary immersion. Materials CASE & BUSHING: Glass filled nylon 6/6, flame retardant, heat stabilized (UL 94V-0). F1 conductive bushing option is impregnated with carbon fibers. ACTUATOR: Brass, chrome plated with internal o-ring seal standard. SWITCH SUPPORT: Brass or steel, matte-tin plated. SWITCH SUPPORT RETAINER: Stainless steel. CONTACTS & TERMINALS: B contact material: Copper alloy, with gold plate over nickel plate. Q contact material: Copper alloy, silver plated. See page G-29 for additional contact materials. TERMINAL SEAL: Epoxy. HARDWARE: Nut & Locking ring: Brass, nickel plated. Lockwasher: Steel, nickel plated. NOTE: Any models supplied with P, S, R, Q, B or G contact material are RoHS compliant and compatible. For the latest information regarding RoHS compliance, please go to: www.ittcannon.com/rohs. NOTE: Specifications and materials listed above are for switches with standard options. For information on specific and custom switches, consult Customer Service Center. Build-A-Switch To order, simply select desired option from each category and place in the appropriate box. Available options are shown and described on pages G–23 thru G–29. For additional options not shown in catalog, consult our Customer Service Center. All models are process sealed to withstand machine soldering temperatures and pressure wash cleaning methods. Switch Function E101 SP, On-None-On E103 SP, On-Off-On E105 SP, Mom.-Off-Mom. E107 SP, On-Off-Mom. E108 SP, On-None-Mom. E201 DP, On-None-On E203 DP, On-Off-On E205 DP, Mom.-Off-Mom. E207 DP, On-Off-Mom. E208 DP, On-None-Mom. E211 DP, On-On-On E213 DP, On-On-Mom. E215 DP, Mom.-On-Mom. E301 3P, On-None-On * F1 available with SP and DP versions only, please see page G-24 Actuator M .300" high S .500" high L3 Plastic, .940" high Terminations A Right angle, PC thru-hole AV2 Vertical right angle, PC thru-hole C PC Thru-hole V3 .460" high, V-bracket Z Solder lug A3 Right angle, PC thru-hole AV3 Vertical right angle, PC thru-hole V6 .460" high, V-bracket V9 1.150" high, V-bracket V31 .460" high, snap-in V-bracket V61 .460" high, snap-in V-bracket W .750" long, wire wrap Z3 Quick connect Bushing D1 .250" high F1 Conductive, .250" high* D9 .280" high Y Threaded, .350" high Contact Material B Gold K Gold, tin-lead P Gold, matte-tin Q Silver M Silver, tin-lead S Silver, matte-tin G Gold over silver L Gold over silver, tin-lead R Gold over silver, matte-tin Seal E Epoxy Models Available |
유사한 부품 번호 - E205SD9AV2KE |
|
유사한 설명 - E205SD9AV2KE |