전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DSM2180F3V 데이터시트(PDF) 5 Page - STMicroelectronics

부품명 DSM2180F3V
상세설명  DSM (Digital Signal Processor System Memory) For Analog Devices ADSP-218X Family (3.3V Supply)
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DSM2180F3V 데이터시트(HTML) 5 Page - STMicroelectronics

  DSM2180F3V Datasheet HTML 1Page - STMicroelectronics DSM2180F3V Datasheet HTML 2Page - STMicroelectronics DSM2180F3V Datasheet HTML 3Page - STMicroelectronics DSM2180F3V Datasheet HTML 4Page - STMicroelectronics DSM2180F3V Datasheet HTML 5Page - STMicroelectronics DSM2180F3V Datasheet HTML 6Page - STMicroelectronics DSM2180F3V Datasheet HTML 7Page - STMicroelectronics DSM2180F3V Datasheet HTML 8Page - STMicroelectronics DSM2180F3V Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 63 page
background image
5/63
DSM2180F3V
Figure 4. System Block Diagram, Two-Chip Solution
The two-chip combination of a DSP and a DSM
device is ideal for systems which have limitations
on size, EMI levels, and power consumption. DSM
memory and logic are “zero-power”, meaning they
automatically go to standby between memory ac-
cesses or logic input changes, producing low ac-
tive and standby current consumption, which is
ideal for battery powered products.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63