전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2MRAM-003-01MT7PB 데이터시트(PDF) 1 Page - Amphenol Aerospace Operations

부품명 2MRAM-003-01MT7PB
상세설명  Positive-Locking Push-Pull Interface
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AAO [Amphenol Aerospace Operations]
홈페이지  https://www.amphenol-aerospace.com/
Logo AAO - Amphenol Aerospace Operations

2MRAM-003-01MT7PB 데이터시트(HTML) 1 Page - Amphenol Aerospace Operations

  2MRAM-003-01MT7PB Datasheet HTML 1Page - Amphenol Aerospace Operations 2MRAM-003-01MT7PB Datasheet HTML 2Page - Amphenol Aerospace Operations  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2M Ram-Lock
Positive-Locking Push-Pull Interface
2MRAM MATERIALS AND FINISHES
Shells Aluminum Alloy or Stainless Steel
Contacts Copper Alloy, gold plated
Insulators Polyphenylene Sulfide (PPS)
Contact Retention Beryllium Copper Alloy
Grommet, Interfacial Seal, O-Ring Fluorosilicone Rubber
Ball Bearing Stainless Steel
Wave Springs Stainless Steel
EMI Band, Nickel Plated Beryllium Copper Alloy
Amphenol’s Ram-Lock Push-Pull interface
is now available in the 2M family of products!
Featuring a positive locking Interface, the Ram-Lock is perfect for applications where accidental unmating is
a concern. The user must pull on the operating sleeve of the plug to unmate rather than pulling on the cable.
Utilizing ball bearings for locking and a traditional D38999 EMI band for shell-to-shell conductivity allows for
much more consistent and reliable engagement between the plug and receptacle.
2MRAM Features
• Push-pull with positive lock
• Visual, tactile, and audible full-mate indication
• Prevents accidental unmating when cable is pulled
• Full environmental sealing and EMI protectio
• Lower mate/unmate forces compared to 2M804
2MRAM VS 38999
Specification
2MRAM
MIL-DTL 38999 Series III
Signal Count
1 to 85
1 to 187
Insulation Resistance
5,000 megaohms min
5,000 megaohms min
Operating Temperature
-65°C to +175°C
-65°C to +175°C
Shock
300 G ± 15
300 G ± 15
Vibration
"37.0 G Random
30.0 G Sine"
"43.9 G Random
60.0 G Sine"
Shielding Effectiveness
"40 dB min. from
100 MHz to 1000 MHz"
"65 dB min. from
100 MHz to 1000 MHz"
Durability
1,000 mating cycles min. 500 mating cycles
Shell to Shell Conductivity
2.5 mV drop max
2.5 mV drop max
Contacts
Per AS39029
Per AS39029
Applications:
• Soldier worn equipment
• Electric vehicle recharging
• Battery terminal connections
• In-line power and signal connections
Important Note:
Plug and receptacle terminology is reversed compared
to 2M804. This is because the user pulls on the
operating sleeve to disengage rather than the cable.
For example, 2M804-003 is known as a “receptacle”,
2M RAM-003 is a “plug.”
E
D
1
Contact Amphenol Aerospace for more information at 800-678-0141 • www.amphenol-aerospace.com


유사한 부품 번호 - 2MRAM-003-01MT7PB

제조업체부품명데이터시트상세설명
logo
ML Accessories Limited....
2MREC KNIGHTSBRIDGE-2MREC Datasheet
113Kb / 1P
2M Aluminium Profile - Recessed Mount
03/05/2024
More results

유사한 설명 - 2MRAM-003-01MT7PB

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
FP203 SANYO-FP203 Datasheet
144Kb / 4P
Push-Pull Circuits
logo
MPS Industries, Inc.
P6270XF MPSIND-P6270XF Datasheet
191Kb / 1P
PUSH-PULL TRANSFORMER
logo
Amphenol Corporation
00110930040 AMPHENOL-00110930040 Datasheet
2Mb / 36P
PUSH-PULL CONNECTORS
logo
List of Unclassifed Man...
HR10-10P-12S ETC1-HR10-10P-12S Datasheet
2Mb / 20P
Push-Pull Connectors
logo
MPS Industries, Inc.
P6201 MPSIND-P6201 Datasheet
483Kb / 1P
RS-485/RS-422 INTERFACE PUSH-PULL TRANSFORMERS
P6202 MPSIND-P6202 Datasheet
390Kb / 1P
RS-485/RS-422 INTERFACE PUSH-PULL TRANSFORMERS
logo
Glenair, Inc.
824-001 GLENAIR-824-001 Datasheet
238Kb / 1P
Locking Push-Pull Mighty Mouse Plug
logo
MPS Industries, Inc.
M6210 MPSIND-M6210 Datasheet
486Kb / 1P
RS-485/RS-422 INTERFACE PUSH-PULL TRANSFORMERS
M6212 MPSIND-M6212 Datasheet
441Kb / 1P
RS-485/RS-422 INTERFACE PUSH-PULL TRANSFORMERS
logo
VACUUMSCHMELZE GmbH & C...
T60402-C4615-X065 VACUUMSCHMELZE-T60402-C4615-X065 Datasheet
49Kb / 2P
Push Pull Transformer
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com