| 전자부품 데이터시트 검색엔진 |
|
MDM 데이터시트(PDF) 5 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
MDM 데이터시트(HTML) 5 Page - ITT Industries |
|
5 / 8 page ![]() Micro-D Metal Shell - .050" Contact Spacing MDM Panel Cutouts 11 www.ittcannon.com Dimensions shown in inch (mm) Specifications and dimensions subject to change ++ ++ ++ ++ Shell Sizes 9 thru 51 Shell Size 100 Figure 1 Front Mounting D TYP. D TYP. B C C A A B .100 (2.54) R TYP. .450±.002 (11.43±0.05) FULL R. (TYP.) C .030 (0.76) TYP. D PANEL REF. ) .118 (3.00 1.805 (45.85 .015 (0.38) R. MAX (TYP.) FULL R. (TYP.) FULL R. (TYP.) FULL R. (TYP.) PANEL REF. ) .118 (3.00 ) .118 (3.00 ) ) +.005 -.000 1.805 (45.85 ) 1.805 (45.85 ) .125 (3.18 ) 1.456 (36.98 ) +0.10 -0.00 .361 (9.17 ) 1.520 (38.61 ) .401 (10.18 .450+_.002 (11.43+_0.05) .030 (0.76) TYP. ) .015 (0.38)R. MAX.(TYP) FULL R. (TYP.) FULL R. (TYP.) 26˚/27˚TYP Figure 2 Rear Mounting Figure 3 Edgeboard Mounting Figure 1 Front Mounting Figure 2 Rear Mounting Figure 3 Edgeboard Mounting NOTE: See page 13 for rear panel mounting configuration. +0.13 -0.00 +.005 -.000 +0.13 -0.00 +.004 -.000 +0.10 -0.00 +.004 -.000 +.005 -.000 +0.13 -0.00 +0.10 -0.00 +.004 -.000 +0.10 -0.00 +.004 -.000 +.005 -.000 +0.13 -0.00 +.005 -.000 +0.13 -0.00 +.005 -.000 +0.13 -0.00 +.005 -.000 +0.13 -0.00 Shell Size Cutout Figure 1 2 3 1 2 3 1 2 3 1 2 3 1 2 3 1 2 3 1 2 3 .408 .401 - .558 .551 - .708 .701 - .808 .801 - .958 .951 - 1.108 1.101 - 1.058 1.051 - .271 .252 - .271 .252 - .271 .252 - .271 .252 - .271 .252 - .271 .252 - .315 .295 .570 .570 .570 .720 .720 .720 .870 .870 .870 .970 .970 .970 1.120 1.120 1.120 1.270 1.270 1.270 1.220 1.220 1.220 .089 .089 .089 .089 .089 .089 .089 .089 .089 .089 .089 .089 .089 .089 .089 .089 .089 .089 .089 .089 .089 9 15 21 25 31 37 51 A +.004 -.000 B +.004 -.000 C +.005 -.000 D +.005 -.000 For 9-51 Shell Sizes NOTES: 1. Front panel mounting is the preferred mounting method. Front panel mounting dimensions (figure 1) will accommodate either #2-56 screws or jackpost hardware. 2. Rear panel mount dimensions (figure 2) will accommodate #2-56 screw hardware only. When mounting the connector with rear panel mount jackpost see the panel cut-out dimensions. 3. Edgeboard mounting bracket (figure 3) uses #2- 56 screws. Dimension .450+/-.002 (11.43+/- 0.05) locates the MDM receptacle flush with the end of the board. For 100 Shell Size NOTES: 1. Front mounting is the preferred mounting method. Front panel mounting dimensions (figure 1) will accommodate either #4-40 screws or jackpost hardware. 2. Rear panel mount dimensions (figure 2) will accommodate #4-40 screw hardware only see the panel cut-out dimensions. 3.Edgeboard mounting bracket (figure 3) uses #4- 40 screws. Dimension .450+/-.002 (11.43+/- 0.05) locates the MDM receptacle flush with the end of the board. |