| 전자부품 데이터시트 검색엔진 |
|
UM2777 데이터시트(PDF) 18 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM2777 데이터시트(HTML) 18 Page - STMicroelectronics |
|
18 / 44 page ![]() 5. Power Supply is Output or Input, depending on host / daughterboard configuration. 6. INT is an interrupt line. 7. GPIO ports with many alternate functions (like UART, I²C, SPI and analog inputs/outputs) are privileged to offer optimum flexibility. Related links Read TN1238: STMod+ interface specification available on the ST website for more information 2.4.3 Connectivity expansion connector Figure 20. CN3 connectivity connector top view b6 b1 a6 a1 This connector is suitable for the STEVAL-STWINWFV1 Wi-Fi expansion board. Table 3. CN3 pin descriptions Pin Description STM32 pin Pin Default Signal STM32 pin a1 GND - b1 WIFI_DRDY PE11 a2 CS/USART3_CTS PB13 b2 WIFI_WAKEUP PD7 a3 SPI1_CLK/USART3_RTS PB1 b3 WIFI_BOOT0 PF12 a4 SPI1_MISO/USART3_RX PD9 b4 WIFI_RST PC6 a5 SPI1_MOSI/USART3_TX PD8 b5 I2C3_SDA PG8 a6 3V3 Output (VDD_WIFI) - b6 I2C3_SCL PG9 2.4.4 Sensor expansion connector Figure 21. CN4 sensor connector top view b6 b1 a6 a1 This connector is suitable for the STEVAL-STWINMAV1 analog microphone expansion board. Table 4. CN4 pin descriptions Pin Description STM32 pin Pin Default Signal STM32 pin a1 5V/Batt Output - b1 DFSDM1_D7 PB10 UM2777 Buttons, LEDs and connectors UM2777 - Rev 4 page 18/44 |