전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

VIPER12ADIP-E 데이터시트(PDF) 12 Page - STMicroelectronics

부품명 VIPER12ADIP-E
상세설명  Low Power OFF-Line SMPS Primary Switcher
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER12ADIP-E 데이터시트(HTML) 12 Page - STMicroelectronics

Back Button VIPER12ADIP-E Datasheet HTML 8Page - STMicroelectronics VIPER12ADIP-E Datasheet HTML 9Page - STMicroelectronics VIPER12ADIP-E Datasheet HTML 10Page - STMicroelectronics VIPER12ADIP-E Datasheet HTML 11Page - STMicroelectronics VIPER12ADIP-E Datasheet HTML 12Page - STMicroelectronics VIPER12ADIP-E Datasheet HTML 13Page - STMicroelectronics VIPER12ADIP-E Datasheet HTML 14Page - STMicroelectronics VIPER12ADIP-E Datasheet HTML 15Page - STMicroelectronics VIPER12ADIP-E Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
Overvoltage threshold
VIPer12ADIP/ AS - E
12/21
DocRev1
8
Overvoltage threshold
An overvoltage detector on the VDD pin allows the VIPer12A to reset itself when VDD
exceeds VDDovp. This is illustrated in Figure 7., which shows the whole sequence of an
overvoltage event. Note that this event is only latched for the time needed by VDD to reach
VDDoff, and then the device resumes normal operation automatically.
Figure 7.
Overvoltage Sequence
t
t
VDS
VDDon
VDD
VDDoff
VDDovp



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21