| 전자부품 데이터시트 검색엔진 |
|
STP16CPS05 데이터시트(PDF) 20 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STP16CPS05 데이터시트(HTML) 20 Page - STMicroelectronics |
|
20 / 26 page ![]() Package mechanical data STP16CPS05 20/26 Table 12. TSSOP24 mechanical data Dim. mm. inch Min. Typ Max. Min. Typ. Max. A 1.1 0.043 A1 0.05 0.15 0.002 0.006 A2 0.9 0.035 b 0.19 0.30 0.0075 0.0118 c 0.09 0.20 0.0035 0.0079 D 7.7 7.9 0.303 0.311 E 4.3 4.5 0.169 0.177 e 0.65 BSC 0.0256 BSC H 6.25 6.5 0.246 0.256 K 0° 8° 0° 8° L 0.50 0.70 0.020 0.028 Figure 22. TSSOP24 Package dimensions |