| 전자부품 데이터시트 검색엔진 |
|
STP16CPS05TTR 데이터시트(PDF) 7 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STP16CPS05TTR 데이터시트(HTML) 7 Page - STMicroelectronics |
|
7 / 26 page ![]() STP16CPS05 Electrical characteristics 7/26 Table 7. Switching characteristics (VDD = 5V, T = 25°C, unless otherwise specified.) Symbol Parameter Test conditions Min Typ Max Unit tPLH1 Propagation Delay Time, CLK-OUTn, LE = H, /OE = L VDD = 3.3 V VIH = VDD VIL = GND CL = 10pF IO = 20mA VL = 3.0 V REXT = 1KΩ RL = 60 Ω VDD = 3.3V 50 70 ns VDD = 5V 28 40 tPLH2 Propagation Delay Time, LE-OUTn, /OE = L VDD = 3.3V 48 70 ns VDD = 5V 25 40 tPLH3 Propagation Delay Time, /OE-OUTn, LE = H VDD = 3.3V 55 75 ns VDD = 5V 35 45 tPLH Propagation Delay Time, CLK-SDO VDD = 3.3V 11 16 ns VDD = 5V 8 12 tPHL1 Propagation Delay Time, CLK-OUTn, LE = H, /OE = L VDD = 3.3V 22 30 ns VDD = 5V 17 25 tPHL2 Propagation Delay Time, LE-OUTn, /OE = L VDD = 3.3V 7 10 ns VDD = 5V 4 6 tPHL3 Propagation Delay Time, /OE-OUTn, LE = H VDD = 3.3V 18 30 ns VDD = 5V 15 25 tPHL Propagation Delay Time, CLK-SDO VDD = 3.3V 12 18 ns VDD = 5V 8 12 tON Output Rise Time 10~90% of voltage waveform VDD = 3.3V 40 80 ns VDD = 5V 22 35 tOFF Output Fall Time 90~10% of voltage waveform VDD = 3.3V 11 15 ns VDD = 5V 18 25 tr CLK Rise Time (1) 5000 ns tf CLK Fall Time (1) 5000 ns 1. In order to achieve high cascade data transfer,please consider tr/tf timings carefully. |