| 전자부품 데이터시트 검색엔진 |
|
MF-156DS-R13-171 데이터시트(PDF) 6 Page - Mitsubishi Electric Semiconductor |
|
|
|||||||||||||||||||||||||||||
MF-156DS-R13-171 데이터시트(HTML) 6 Page - Mitsubishi Electric Semiconductor |
|
6 / 9 page ![]() MITSUBISHI (OPTICAL DEVICES) MF-156DF-T12-20x/29x/23x MF-156DS-R13-17x SONET/SDH TRANSMITTER & RECIEVER RECEIVER PIN ALLOCATION No. Symbol Description No. Symbol Description 1 GND Ground 20 NC No user connection 2 GND Ground 19 NC No user connection 3 GND Ground 18 NC No user connection 4 CLK Clock 17 NC No user connection 5 CLK Clock 16 GND Ground 6 GND Ground 15 GND Ground 7 Data Data 14 SD Signal Detect 8 GND Ground 13 GND Ground 9 Data Data 12 SD Signal Detect 10 PDB Photo Detector Bias 11 Vcc Vcc RECEIVER PIN DESCRIPTIONS Pin No. Function I/O Pin description 1,2,3, 6,8,13, 15,16 GND I These pin are the module’s ground connections. They should be connected to a low inpedance ground plane(0V). 11 Vcc I This is the power supply pin for the module. It should be connected to +5.0V. Recommended power supply decoupling. 7,9 Data & Data O There are Data output pin(Differential PECL output). Signal level of these pin are PECL level. Refer to electrical interface in NOTE4. 4,5 Clock & Clock O There are recoverd clock output pin(Differential PECL output). Signal level of these pin are PECL level. Refer to electrical interface in NOTE4. 12,14 Signal Detect & Signal Detect O When the opt ical input signal fall bellow the SD threshold level, The Signal Detect is deassert ed and its out put logic level changes form a PECL HIGH to PECL LOW. Signal Detect pin is differential PECL output pin. Refer to electrical interface in NOTE5. 10 Photo Detector Bias I This pin supplies the bias for the PI N Photo Detector and it should be connected to +5.0V. Additionally,by using Ext ernal Resistor in series with this pin, it is possible to measure the photocurrent. Refer to electrical interface in NOTE8. 17,18, 19,20 NC - These pin are No user connection and should be left open. |