전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

B92 데이터시트(PDF) 5 Page - Apacer Technology Inc.

부품명 B92
상세설명  PCI Express Flash Drive PV910-M280 Product Specifications
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  APACER [Apacer Technology Inc.]
홈페이지  https://www.apacer.com/
Logo APACER - Apacer Technology Inc.

B92 데이터시트(HTML) 5 Page - Apacer Technology Inc.

  B92 Datasheet HTML 1Page - Apacer Technology Inc. B92 Datasheet HTML 2Page - Apacer Technology Inc. B92 Datasheet HTML 3Page - Apacer Technology Inc. B92 Datasheet HTML 4Page - Apacer Technology Inc. B92 Datasheet HTML 5Page - Apacer Technology Inc. B92 Datasheet HTML 6Page - Apacer Technology Inc. B92 Datasheet HTML 7Page - Apacer Technology Inc. B92 Datasheet HTML 8Page - Apacer Technology Inc. B92 Datasheet HTML 9Page - Apacer Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
4
© 2021 Apacer Technology Inc.
1. General Descriptions
Apacer PV910-M280 (M.2 2280) is the next generation modularized Solid State Drive (SSD) with the
shape of all new M.2 form factor, aimed to be the more suitable for mobile and compact computers
with standard width at only 22.00 mm. PV910-M280 appears in M.2 2280 mechanical dimensions and
is believed to be the leading add-in storage solution for future host computing systems.
The M.2 SSD is designed with PCIe-based connector pinouts, providing full compliance with the latest
PCIe Gen3 x2 interface specifications. Aside from PCIe compliance, PV910-M280 delivers
exceptional performance and power efficiency. On the other hand, the extreme thin and light form
factor makes PV910-M280 the ideal choice for mobile computing systems, which appears to be the
trend in near future.
Regarding reliability, PV910-M280 is built with a powerful PCIe controller that supports on-the-module
ECC as well as efficient wear leveling scheme. In terms of power efficiency, PV910-M280 is compliant
with PCIe Gen3 x2 interface standard so that it can operate on power management modes, which
greatly save on power consumption.
2. Functional Block
Figure 2-1 Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24