전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ASF461/HB 데이터시트(PDF) 4 Page - International Rectifier

부품명 ASF461/HB
상세설명  ADVANCED ANALOG EMI FILTER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

ASF461/HB 데이터시트(HTML) 4 Page - International Rectifier

  ASF461/HB Datasheet HTML 1Page - International Rectifier ASF461/HB Datasheet HTML 2Page - International Rectifier ASF461/HB Datasheet HTML 3Page - International Rectifier ASF461/HB Datasheet HTML 4Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
www.irf.com
ASF461 Series
Pin Designation
Part Numbering
WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, Tel: (310) 322 3331
ADVANCED ANALOG: 2270 Martin Av., Santa Clara, California 95050, Tel: (408) 727-0500
Visit us at www.irf.com for sales contact information.
Data and specifications subject to change without notice. 11/02
A SF 461 / C H
Mo d e l
Ap p lic a b le
Milita ry
S p e c ific a tio n
Sc re e n in g
— , E S , H B , C H
Pin No.
Designation
1
Input Return *
2
Input Return *
3
Input *
4
Input *
5
Output *
6
Output *
7
Case
8
Output Return *
9
Output Return *
* Make external connection to both Pins
0.8 0 0
1.0 7 5
0.2 2 0
0.3 5 0
1.0 7 5
0.8 0 0
0.0 18 ± .0 02 D ia P ins
12
3
4
5
6
97
8
0.6 0 0
ASF461 Case Outline



Html Pages

1 2 3 4