| 전자부품 데이터시트 검색엔진 |
|
KT11P2SAM35LFG 데이터시트(PDF) 2 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
KT11P2SAM35LFG 데이터시트(HTML) 2 Page - ITT Industries |
|
2 / 4 page ![]() www.ittcannon.com B–25 Dimensions shown in: mm (inch) Specifications and dimensions subject to change B SERIES ACTUATOR KT11 KT Series Right Angle Sealed Tact Switch for SMT B0 SOFT, FLUSH* B1 SOFT, 0,64 mm* B2 SOFT, 2,24 mm* P2 HARD, 2,36 mm P3 HARD, 1,12 mm S1 Ø0,1 mm FOR PRESS FIT CAPS*** S2 Ø0,14 mm FOR SNAP FIT CAPS*** P4 HARD, 3,96 mm** 1,12 (.044) ø3,55 (.140) 3,96 (.156) ø3,55 (.140) (.173) 4,38 (.136) 3,44 2,36 (.093) ø3,55 (.140) 4 3,18 (.125) 4,90 (.193) ø5,08 (.200) 6,15 (.242) 4,98 (.196) ø5,72 (.225) 4,29 SR (.169) 4 3,18 (.125) (.260) 6,60 MAX. (.125) 3,18 (.034) 0,86 (.157) 4,00 (.298) 7,57 (.150) ø3,81 (.030) 0,76 TYP. 24 0,64 (.025) Ø 3,18 (Ø .125) (.088) 2,24 (ø.125) ø3,18 (.173) 4,38 (.136) 3,44 |