전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ST4SI2M0020TPIFW 데이터시트(PDF) 11 Page - STMicroelectronics

부품명 ST4SI2M0020TPIFW
상세설명  eSIM GSMA system-on-chip solution for secure M2M industrial applications
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST4SI2M0020TPIFW 데이터시트(HTML) 11 Page - STMicroelectronics

Back Button ST4SI2M0020TPIFW Datasheet HTML 7Page - STMicroelectronics ST4SI2M0020TPIFW Datasheet HTML 8Page - STMicroelectronics ST4SI2M0020TPIFW Datasheet HTML 9Page - STMicroelectronics ST4SI2M0020TPIFW Datasheet HTML 10Page - STMicroelectronics ST4SI2M0020TPIFW Datasheet HTML 11Page - STMicroelectronics ST4SI2M0020TPIFW Datasheet HTML 12Page - STMicroelectronics ST4SI2M0020TPIFW Datasheet HTML 13Page - STMicroelectronics ST4SI2M0020TPIFW Datasheet HTML 14Page - STMicroelectronics ST4SI2M0020TPIFW Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
Table 2. Maximum VCC rising slope
Symbol
Parameter
Value
Unit
SVCC
Maximum VCC rising slope
5
V / µs
6.3
AC and DC characteristics
These characteristics are compliant with ETSI TS 102 671 release 12.
ST4SIM-200M
AC and DC characteristics
DB4082 - Rev 5
page 11/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26