| 전자부품 데이터시트 검색엔진 |
|
QSMP 데이터시트(PDF) 7 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
QSMP 데이터시트(HTML) 7 Page - List of Unclassifed Manufacturers |
|
7 / 17 page ![]() QSMP PINOUT (STM32MP1 pads named PA, PB, etc. can be used as GPIO ports) PIN QSCOM STANDARD MP1 PAD Alternate Function 0-3 Alternate Function 4-7 Alternate Function 8-11 Alternate Function 12-15 Remarks Additional functions 1st SPI 1 SPIA_NSS PE11 - TIM1_CH2 - DFSDM1_CKIN4 - SPI4_NSS - USART6_CK - - SAI2_SD_B - FMC_D8/FMC_DA8 DCMI_D4 LCD_G3 EVENTOUT 2 SPIA_MISO PE5 TRACED3 - SAI1_CK2 DFSDM1_CKIN3 TIM15_CH1 SPI4_MISO SAI1_SCK_A SDMMC2_D0DIR SDMMC1_D0DIR SDMMC2_D6 - SDMMC1_D6 FMC_A21 DCMI_D6 LCD_G0 EVENTOUT 3 SPIA_MOSI PE14 - TIM1_CH4 - - - SPI4_MOSI - - UART8_RTS/UART8_DE - SAI2_MCLK_B SDMMC1_D123DIR FMC_D11/FMC_DA11 LCD_G0 LCD_CLK EVENTOUT 4 SPIA_SCK PE2 TRACECLK - SAI1_CK1 - I2C4_SCL SPI4_SCK SAI1_MCLK_A - - QUADSPI_BK1_IO2 - ETH1_RGMII_TXD3 FMC_A23 - - EVENTOUT I2C 5 I2CA_SCL PA11 - TIM1_CH4 I2C6_SCL - I2C5_SCL SPI2_NSS/I2S2_WS UART4_RX USART1_CTS/USART1_NSS - FDCAN1_RX - - - - LCD_R4 EVENTOUT 6 I2CA_SDA PA12 - TIM1_ETR I2C6_SDA - I2C5_SDA - UART4_TX USART1_RTS/USART1_DE SAI2_FS_B FDCAN1_TX - - - - LCD_R5 EVENTOUT 7 INTA PD12 - LPTIM1_IN1 TIM4_CH1 LPTIM2_IN1 I2C4_SCL I2C1_SCL - USART3_RTS/USART3_DE - QUADSPI_BK1_IO1 SAI2_FS_A - FMC_ALE/FMC_A17 - - EVENTOUT 8 I2CB_SCL PZ0 - - I2C6_SCL I2C2_SCL - SPI1_SCK/I2S1_CK - USART1_CK SPI6_SCK - - - - - - EVENTOUT 9 I2CB_SDA PZ1 - - I2C6_SDA I2C2_SDA I2C5_SDA SPI1_MISO/I2S1_SDI I2C4_SDA USART1_RX SPI6_MISO - - - - - - EVENTOUT 10 INTB PF15 TRACED7 - - - I2C4_SDA I2C1_SDA - - - - - ETH1_GMII_RXD7 FMC_A9 - - EVENTOUT CAN 11 CANA_RX PD0 - - I2C6_SDA DFSDM1_CKIN6 I2C5_SDA - SAI3_SCK_A - UART4_RX FDCAN1_RX SDMMC3_CMD DFSDM1_DATIN7 FMC_D2/FMC_DA2 - - EVENTOUT 12 CANA_TX PD1 - - I2C6_SCL DFSDM1_DATIN6 I2C5_SCL - SAI3_SD_A - UART4_TX FDCAN1_TX SDMMC3_D0 DFSDM1_CKIN7 FMC_D3/FMC_DA3 - - EVENTOUT 13 CANB_RX PB5 ETH_CLK TIM17_BKIN TIM3_CH2 SAI4_D1 I2C1_SMBA SPI1_MOSI/I2S1_SDO I2C4_SMBA SPI3_MOSI/I2S3_SDO SPI6_MOSI FDCAN2_RX SAI4_SD_A ETH1_PPS_OUT UART5_RX DCMI_D10 LCD_G7 EVENTOUT 14 CANB_TX PB13 - TIM1_CH1N - DFSDM1_CKOUT LPTIM2_OUT SPI2_SCK/I2S2_CK DFSDM1_CKIN1 USART3_CTS/USART3_NSS - FDCAN2_TX - ETH1_RGMII_TXD1 - - UART5_TX EVENTOUT SAI 15 SAI_TX PD11 - - - LPTIM2_IN2 I2C4_SMBA I2C1_SMBA - USART3_CTS/USART3_NSS - QUADSPI_BK1_IO0 SAI2_SD_A - FMC_CLE/FMC_A16 - - EVENTOUT 16 SAI_RX PA0 - TIM2_CH1/TIM2_ETR TIM5_CH1 TIM8_ETR TIM15_BKIN - - USART2_CTS/USART2_NSS UART4_TX SDMMC2_CMD SAI2_SD_B CRS/ETH1_MII_CRS - - - EVENTOUT ADC1_INP16, WKUP1 17 SAI_SCK PD13 - LPTIM1_OUT TIM4_CH2 - I2C4_SDA I2C1_SDA I2S3_MCK - - QUADSPI_BK1_IO3 SAI2_SCK_A - FMC_A18 DSI_TE - EVENTOUT Ka-Ro electronics GmbH - Pascalstr. 22, D-52076 Aachen, Germany - Tel.: +49 2408 1402-0 (FAX -10) www.karo-electronics.de |