| 전자부품 데이터시트 검색엔진 |
|
AMCC0100 데이터시트(PDF) 3 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
AMCC0100 데이터시트(HTML) 3 Page - List of Unclassifed Manufacturers |
|
3 / 4 page ![]() Table 1 Standard specifications for AMCC series cut cores Standard Specifications Table 2 Standard specifications for F3CC series cut cores Lm:平均磁路長 Mean magnetic pass length Ae:実効断面積 Effective cross section area AMCC0004 AMCC06R3 AMCC0008 AMCC0010 AMCC016A AMCC016B AMCC0020 AMCC0025 AMCC0032 AMCC0040 AMCC0050 AMCC0063 AMCC0080 AMCC0100 AMCC0125 AMCC0160 AMCC0200 AMCC0250 AMCC0320 AMCC0400 AMCC0500 AMCC0630 AMCC800A AMCC800B AMCC1000 15 20 20 20 25 25 30 25 30 35 25 30 40 45 35 40 50 60 50 65 55 70 85 85 85 D ( mm ) TYP. 28 31 35 35 35 35 35 41 41 41 52 52 52 52 63 63 63 63 79 79 90 90 90 100 106 E ( mm ) TYP. 50.8 53 52 62 62 72 72 82 82 82 102 102 102 102 121 121 121 128 129 129 135 135 135 155 171 F ( mm ) TYP. AMCC-4 AMCC-6.3 AMCC-8 AMCC-10 AMCC-16A AMCC-16B AMCC-20 AMCC-25 AMCC-32 AMCC-40 AMCC-50 AMCC-63 AMCC-80 AMCC-100 AMCC-125 AMCC-160 AMCC-200 AMCC-250 AMCC-320 AMCC-400 AMCC-500 AMCC-630 AMCC-800A AMCC-800B AMCC-1000 品名コード Product Code 122 128 130 150 150 170 170 194 194 194 244 244 244 244 292 292 292 306 328 328 350 350 350 390 422 111 164 180 180 226 226 271 267 320 373 328 394 525 590 545 623 779 935 902 1173 1128 1435 1743 2091 2300 99 154 172 198 248 281 337 379 454 530 586 703 938 1055 1166 1333 1666 2095 2167 2817 2890 3678 4466 5972 7109 Mass ( g ) TYP. 32.8 33 30 40 40 50 50 56 56 56 70 70 70 70 83 83 83 90 85 85 85 85 85 95 105 C ( mm ) TYP. 10 11 13 13 13 13 13 15 15 15 20 20 20 20 25 25 25 25 35 35 40 40 40 40 40 B ( mm ) TYP. 9 10 11 11 11 11 11 13 13 13 16 16 16 16 19 19 19 19 22 22 25 25 25 30 33 A ( mm ) TYP. 品 名 Part Name F1AH0792 F1AH0793 F1AH0794 F1AH0795 F1AH0796 F1AH0797 F1AH0798 F1AH0799 F1AH0800 F1AH0801 F1AH0802 F1AH0803 20 20 20 25 25 30 25 30 35 25 30 35 31 35 35 35 35 35 41 41 41 52 52 63 53 52 62 62 72 72 82 82 82 102 102 121 F3CC06.3 F3CC0008 F3CC0010 F3CC016A F3CC016B F3CC0020 F3CC0025 F3CC0032 F3CC0040 F3CC0050 F3CC0063 F3CC0125 品名コード Product Code 128 130 150 150 170 170 194 194 194 244 244 292 156 172 172 215 215 257 254 304 355 312 374 519 149 166 192 240 272 326 366 439 513 567 680 1128 33 30 40 40 50 50 56 56 56 70 70 83 11 13 13 13 13 13 15 15 15 20 20 25 10 11 11 11 11 11 13 13 13 16 16 19 品 名 Part Name D ( mm ) TYP. E ( mm ) TYP. F ( mm ) TYP. Mass ( g ) TYP. C ( mm ) TYP. B ( mm ) TYP. A ( mm ) TYP. Lm ( mm ) TYP. Ae ( mm2 ) TYP. Lm ( mm ) TYP. Ae ( mm2 ) TYP. |