전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HCC4047B 데이터시트(PDF) 11 Page - STMicroelectronics

부품명 HCC4047B
상세설명  Rad-hard, high voltage, CMOS logic series
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCC4047B 데이터시트(HTML) 11 Page - STMicroelectronics

Back Button HCC4047B Datasheet HTML 7Page - STMicroelectronics HCC4047B Datasheet HTML 8Page - STMicroelectronics HCC4047B Datasheet HTML 9Page - STMicroelectronics HCC4047B Datasheet HTML 10Page - STMicroelectronics HCC4047B Datasheet HTML 11Page - STMicroelectronics HCC4047B Datasheet HTML 12Page - STMicroelectronics HCC4047B Datasheet HTML 13Page - STMicroelectronics HCC4047B Datasheet HTML 14Page - STMicroelectronics HCC4047B Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Product
name
Description
Commercial
Product(1)
ESCC
specification
Quality level
Package(2)
Lead
finish
Marking(3)
Mass
(g)
HCC4094B
Rad-hard 8-stage
shift-and-store bus
register
HCC4094BK1
-
Engineering
Model
FLAT16 ESA
EM
Gold
HCC4094BK1
0.70
HCC4094BKG
930602601
ESCC Flight
FLAT16 ESA
FP
Gold
930602601
0.70
HCC4094BKT
930602602
ESCC Flight
FLAT16 ESA
FP
Solder
Dip
930602602
0.70
HCC4098B
Rad-hard dual
monostable
multivibrator
HCC4098BDG
920600308
ESCC Flight
DIL16 FP
Gold
920600308
2.20
HCC4098BDT
920600309
ESCC Flight
DIL16 FP
Solder
Dip
920600309
2.20
HCC4098BK1
-
Engineering
Model
FLAT16 ESA
EM
Gold
HCC4098BK1
0.70
HCC4098BKG
920600301
ESCC Flight
FLAT16 ESA
FP
Gold
920600301
0.70
HCC4098BKT
920600302
ESCC Flight
FLAT16 ESA
FP
Solder
Dip
920600302
0.70
HCC4512B
Rad-hard 8-channel
data selec. with 3-
state output
HCC4512BDG
940800608
ESCC Flight
DIL16 FP
Gold
940800608
2.20
HCC4512BDT
940800609
ESCC Flight
DIL16 FP
Solder
Dip
940800609
2.20
HCC4512BK1
-
Engineering
Model
FLAT16 ESA
EM
Gold
HCC4512BK1
0.70
HCC4512BKG
940800601
ESCC Flight
FLAT16 ESA
FP
Gold
940800601
0.70
HCC4512BKT
940800602
ESCC Flight
FLAT16 ESA
FP
Solder
Dip
940800602
0.70
HCC4514B
Rad-hard 4-bit latch /
4-to-16 line decoder
output high
HCC4514BDG
940801203
ESCC Flight
DIL24 large
FP
Gold
940801203
5.20
HCC4514BDT
940801204
ESCC Flight
DIL24 large
FP
Solder
Dip
940801204
5.20
HCC4514BK1
-
Engineering
Model
FLAT24 EM
Gold
HCC4514BK1
1.70
HCC4514BKG
940801201
ESCC Flight
FLAT24 FP
Gold
940801201
1.70
HCC4514BKT
940801202
ESCC Flight
FLAT24 FP
Solder
Dip
940801202
1.70
HCC4520B
Rad-hard dual binary
up-down counter
HCC4520BDG
920402808
ESCC Flight
DIL16 FP
Gold
920402808
2.20
HCC4520BDT
920402809
ESCC Flight
DIL16 FP
Solder
Dip
920402809
2.20
HCC4520BK1
-
Engineering
Model
FLAT16 ESA
EM
Gold
HCC4520BK1
0.70
HCC4520BKG
920402801
ESCC Flight
FLAT16 ESA
FP
Gold
920402801
0.70
HCC4520BKT
920402802
ESCC Flight
FLAT16 ESA
FP
Solder
Dip
920402802
0.70
HCC4538B
Rad-hard dual
precision monostable
multivibrator
HCC4538BDG
920700708
ESCC Flight
DIL16 FP
Gold
920700708
2.20
HCC4538BDT
920700709
ESCC Flight
DIL16 FP
Solder
Dip
920700709
2.20
HCC4538BK1
-
Engineering
Model
FLAT16 ESA
EM
Gold
HCC4538BK1
0.70
HCC40xxx, HCC45xxx
Ordering information
DS6709 - Rev 8
page 11/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16