전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HCC4067BKT 데이터시트(PDF) 1 Page - STMicroelectronics

부품명 HCC4067BKT
상세설명  Rad-hard, high voltage, CMOS logic series
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCC4067BKT 데이터시트(HTML) 1 Page - STMicroelectronics

  HCC4067BKT Datasheet HTML 1Page - STMicroelectronics HCC4067BKT Datasheet HTML 2Page - STMicroelectronics HCC4067BKT Datasheet HTML 3Page - STMicroelectronics HCC4067BKT Datasheet HTML 4Page - STMicroelectronics HCC4067BKT Datasheet HTML 5Page - STMicroelectronics HCC4067BKT Datasheet HTML 6Page - STMicroelectronics HCC4067BKT Datasheet HTML 7Page - STMicroelectronics HCC4067BKT Datasheet HTML 8Page - STMicroelectronics HCC4067BKT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Flat-14
Flat-16
DIL-14
DIL-16
Flat-24
DIL-24
The upper metallic lid is not electrically
connected to any pins,
nor to the IC die
inside the package
Features
•
ESCC qualified
•
18 V Absolute maximum ratings
•
3 V to 15 V operating voltage
•
Hermetic packages
•
Rad-hard 100 krad (Si) TID
•
SEL immune up to 119 MeV.cm²/mg
•
SEU immune up to 119 MeV.cm²/mg
•
-55 °C to +125 °C temperature range
•
ESCC specification available on ESCC website for each part
Description
The HCC40xxx and HCC45xxx series are composed of high-voltage CMOS
functions, offering a set of highly noise tolerant gates, Flip-Flops, multiplexers,
counters, bus interfaces, and several other functions. The radiation hardness, single
event latch-up (SEL), single event upset (SEU) immunity, and the housing in
hermetic packages of all types of both series make them usable in the most difficult
environmental conditions. They are all qualified and tested over -55 °C to +125 °C
ambiant temperature range. The complete specification of each type is available from
the ESCC (European Space Components Coordination) web site: https://escies.org
using its ESCC part number. STMicroelectronics® guarantees full compliance of
qualified parts with these ESCC specifications.
Product status link
HCC40xxx, HCC45xxx
Rad-hard, high voltage, CMOS logic series
HCC40xxx, HCC45xxx
Datasheet
DS6709 - Rev 8 - November 2020
For further information contact your local STMicroelectronics sales office.
www.st.com


유사한 부품 번호 - HCC4067BKT

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
HCC4067BK STMICROELECTRONICS-HCC4067BK Datasheet
303Kb / 24P
Rad-hard high voltage CMOS logic series
10-Aug-2011
More results

유사한 설명 - HCC4067BKT

제조업체부품명데이터시트상세설명
logo
Harris Corporation
HS-1840RH HARRIS-HS-1840RH Datasheet
193Kb / 13P
Rad-Hard 16 Channel CMOS Analog Rad-Hard 16 Channel CMOS Analog
logo
STMicroelectronics
54AC14 STMICROELECTRONICS-54AC14 Datasheet
403Kb / 28P
Rad-hard advanced high-speed 5 V CMOS logic series
23-Apr-2012
54AC74 STMICROELECTRONICS-54AC74 Datasheet
403Kb / 28P
Rad-hard advanced high-speed 5 V CMOS logic series
23-Apr-2012
54ACT151 STMICROELECTRONICS-54ACT151 Datasheet
403Kb / 28P
Rad-hard advanced high-speed 5 V CMOS logic series
23-Apr-2012
54ACT174 STMICROELECTRONICS-54ACT174 Datasheet
403Kb / 28P
Rad-hard advanced high-speed 5 V CMOS logic series
23-Apr-2012
M54HC154 STMICROELECTRONICS-M54HC154_11 Datasheet
306Kb / 29P
Rad-hard high speed 2 to 6 V CMOS logic series
10-Aug-2011
M54HCT240 STMICROELECTRONICS-M54HCT240_11 Datasheet
306Kb / 29P
Rad-hard high speed 2 to 6 V CMOS logic series
10-Aug-2011
HCC4000B STMICROELECTRONICS-HCC4000B_11 Datasheet
303Kb / 24P
Rad-hard high voltage CMOS logic series
10-Aug-2011
M54HC00 STMICROELECTRONICS-M54HC00_11 Datasheet
306Kb / 29P
Rad-hard high speed 2 to 6 V CMOS logic series
10-Aug-2011
RHFAC191D03V STMICROELECTRONICS-RHFAC191D03V Datasheet
1Mb / 29P
Rad-hard advanced high-speed 5 V CMOS logic series
23-May-2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com