전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HCC4538BKT 데이터시트(PDF) 5 Page - STMicroelectronics

부품명 HCC4538BKT
상세설명  Rad-hard, high voltage, CMOS logic series
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCC4538BKT 데이터시트(HTML) 5 Page - STMicroelectronics

  HCC4538BKT Datasheet HTML 1Page - STMicroelectronics HCC4538BKT Datasheet HTML 2Page - STMicroelectronics HCC4538BKT Datasheet HTML 3Page - STMicroelectronics HCC4538BKT Datasheet HTML 4Page - STMicroelectronics HCC4538BKT Datasheet HTML 5Page - STMicroelectronics HCC4538BKT Datasheet HTML 6Page - STMicroelectronics HCC4538BKT Datasheet HTML 7Page - STMicroelectronics HCC4538BKT Datasheet HTML 8Page - STMicroelectronics HCC4538BKT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
3
Ordering information
Table 4. Order codes
Product
name
Description
Commercial
Product(1)
ESCC
specification
Quality level
Package(2)
Lead
finish
Marking(3)
Mass
(g)
HCC4001B
Rad-hard quad 2-
input NOR gate
HCC4001BDG
920104103
ESCC Flight
DIL14 FP
Gold
920104103
2.20
HCC4001BDT
920104104
ESCC Flight
DIL14 FP
Solder
Dip
920104104
2.20
HCC4001BK1
-
Engineering
Model
FLAT14 ESA
EM
Gold
HCC4001BK1
0.70
HCC4001BKG
920104101
ESCC Flight
FLAT14 ESA
FP
Gold
920104101
0.70
HCC4001BKT
920104102
ESCC Flight
FLAT14 ESA
FP
Solder
Dip
920104102
0.70
HCC4002B
Rad-hard dual 4-
input NOR gate
HCC4002BDG
920104203
ESCC Flight
DIL14 FP
Gold
920104203
2.20
HCC4002BDT
920104204
ESCC Flight
DIL14 FP
Solder
Dip
920104204
2.20
HCC4002BKG
920104201
ESCC Flight
FLAT14 ESA
FP
Gold
920104201
0.70
HCC4002BKT
920104202
ESCC Flight
FLAT14 ESA
FP
Solder
Dip
920104202
0.70
HCC40106B
Rad-hard hex
Schmitt trigger
HCC40106BDG
940900503
ESCC Flight
DIL14 FP
Gold
940900503
2.20
HCC40106BDT
940900504
ESCC Flight
DIL14 FP
Solder
Dip
940900504
2.20
HCC40106BK1
-
Engineering
Model
FLAT14 ESA
EM
Gold
HCC40106BK1
0.70
HCC40106BKG
940900501
ESCC Flight
FLAT14 ESA
FP
Gold
940900501
0.70
HCC40106BKT
940900502
ESCC Flight
FLAT14 ESA
FP
Solder
Dip
940900502
0.70
HCC40109B
Rad-hard quad low-
to-high voltage level
shifter
HCC40109BDG
940700308
ESCC Flight
DIL16 FP
Gold
940700308
2.20
HCC40109BDT
940700309
ESCC Flight
DIL16 FP
Solder
Dip
940700309
2.20
HCC40109BK1
-
Engineering
Model
FLAT16 ESA
EM
Gold
HCC40109BK1
0.70
HCC40109BKG
940700301
ESCC Flight
FLAT16 ESA
FP
Gold
940700301
0.70
HCC40109BKT
940700302
ESCC Flight
FLAT16 ESA
FP
Solder
Dip
940700302
0.70
HCC4011B
Rad-hard quad 2-
input NAND gate
HCC4011BDG
920104303
ESCC Flight
DIL14 FP
Gold
920104303
2.20
HCC4011BDT
920104304
ESCC Flight
DIL14 FP
Solder
Dip
920104304
2.20
HCC4011BK1
-
Engineering
Model
FLAT14 ESA
EM
Gold
HCC4011BK1
0.70
HCC4011BKG
920104301
ESCC Flight
FLAT14 ESA
FP
Gold
920104301
0.70
HCC4011BKT
920104302
ESCC Flight
FLAT14 ESA
FP
Solder
Dip
920104302
0.70
HCC40xxx, HCC45xxx
Ordering information
DS6709 - Rev 8
page 5/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16