전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PIC18F6310E/PTSQTP 데이터시트(PDF) 5 Page - Microchip Technology

부품명 PIC18F6310E/PTSQTP
상세설명  64/80-Pin Flash Microcontrollers with nanoWatt Technology
PDF  404 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F6310E/PTSQTP 데이터시트(HTML) 5 Page - Microchip Technology

  PIC18F6310E/PTSQTP Datasheet HTML 1Page - Microchip Technology PIC18F6310E/PTSQTP Datasheet HTML 2Page - Microchip Technology PIC18F6310E/PTSQTP Datasheet HTML 3Page - Microchip Technology PIC18F6310E/PTSQTP Datasheet HTML 4Page - Microchip Technology PIC18F6310E/PTSQTP Datasheet HTML 5Page - Microchip Technology PIC18F6310E/PTSQTP Datasheet HTML 6Page - Microchip Technology PIC18F6310E/PTSQTP Datasheet HTML 7Page - Microchip Technology PIC18F6310E/PTSQTP Datasheet HTML 8Page - Microchip Technology PIC18F6310E/PTSQTP Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 404 page
background image
 2004 Microchip Technology Inc.
Preliminary
DS39635A-page 3
PIC18F6310/6410/8310/8410
Pin Diagrams (Continued)
80-Pin TQFP
Note 1: RE7 is the alternate pin for CCP2 multiplexing.
PIC18F8310
3
4
5
6
7
8
9
10
11
12
13
14
15
16
48
47
46
45
44
43
42
41
40
39
64 63 62 61
21 22 23 24 25 26 27 28 29 30 31 32
RE1/AD9/WR
RE0/AD8/RD
RG0/CCP3
RG1/TX2/CK2
RG2/RX2/DT2
RG3
RG5/MCLR/VPP
RG4
VSS
VDD
RF7/SS
RB0/INT0
RB1/INT1
RB2/INT2
RB3/INT3/CCP2(1)
RB4/KBI0
RB5/KBI1
RB6/KBI2/PGC
VSS
OSC2/CLKO/RA6
OSC1/CLKI/RA7
VDD
RB7/KBI3/PGD
RC4/SDI/SDA
RC3/SCK/SCL
RC2/CCP1
RC5/SDO
1
2
RH2/A18
RH3/A19
17
18
RH7
RH6
37
RJ7/UB
RJ6/LB
50
49
RJ2/WRL
RJ3/WRH
19
20
33 34 35 36
38
58
57
56
55
54
53
52
51
60
59
68 67 66 65
72 71 70 69
74 73
78 77 76 75
79
80
RF5/AN10/CVREF
RF4/AN9
RF3/AN8
RF2/AN7/C1OUT
RF6/AN11
PIC18F8410



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More