전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PIC18F6410E/PTSQTP 데이터시트(PDF) 74 Page - Microchip Technology

부품명 PIC18F6410E/PTSQTP
상세설명  64/80-Pin Flash Microcontrollers with nanoWatt Technology
PDF  404 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F6410E/PTSQTP 데이터시트(HTML) 74 Page - Microchip Technology

Back Button PIC18F6410E/PTSQTP Datasheet HTML 70Page - Microchip Technology PIC18F6410E/PTSQTP Datasheet HTML 71Page - Microchip Technology PIC18F6410E/PTSQTP Datasheet HTML 72Page - Microchip Technology PIC18F6410E/PTSQTP Datasheet HTML 73Page - Microchip Technology PIC18F6410E/PTSQTP Datasheet HTML 74Page - Microchip Technology PIC18F6410E/PTSQTP Datasheet HTML 75Page - Microchip Technology PIC18F6410E/PTSQTP Datasheet HTML 76Page - Microchip Technology PIC18F6410E/PTSQTP Datasheet HTML 77Page - Microchip Technology PIC18F6410E/PTSQTP Datasheet HTML 78Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 404 page
background image
PIC18F6310/6410/8310/8410
DS39635A-page 72
Preliminary
 2004 Microchip Technology Inc.
5.3.4
SPECIAL FUNCTION REGISTERS
The Special Function Registers (SFRs) are registers
used by the CPU and peripheral modules for controlling
the desired operation of the device. These registers are
implemented as static RAM. SFRs start at the top of
data memory (FFFh) and extend downward to occupy
more than the top half of Bank 15 (F60h to FFFh). A list
of these registers is given in Table 5-2 and Table 5-3.
The SFRs can be classified into two sets: those
associated with the “core” device functionality (ALU,
Resets and interrupts) and those related to the
peripheral functions. The Reset and interrupt registers
are described in their respective chapters, while the
ALU’s Status register is described later in this section.
Registers related to the operation of the peripheral
features are described in the chapter for that
peripheral.
The
SFRs
are
typically
distributed
among
the
peripherals whose functions they control. Unused SFR
locations are unimplemented and read as ‘0’s.
TABLE 5-2:
SPECIAL FUNCTION REGISTER MAP FOR PIC18F6310/6410/8310/8410 DEVICES
Address
Name
Address
Name
Address
Name
Address
Name
Address
Name
FFFh
TOSU
FDFh
INDF2(1)
FBFh
CCPR1H
F9Fh
IPR1
F7Fh
SPBRGH1
FFEh
TOSH
FDEh
POSTINC2(1)
FBEh
CCPR1L
F9Eh
PIR1
F7Eh
BAUDCON1
FFDh
TOSL
FDDh POSTDEC2(1)
FBDh
CCP1CON
F9Dh
PIE1
F7Dh
—(2)
FFCh
STKPTR
FDCh
PREINC2(1)
FBCh
CCPR2H
F9Ch
MEMCON(3)
F7Ch
—(2)
FFBh
PCLATU
FDBh
PLUSW2(1)
FBBh
CCPR2L
F9Bh
OSCTUNE
F7Bh
—(2)
FFAh
PCLATH
FDAh
FSR2H
FBAh
CCP2CON
F9Ah
TRISJ(3)
F7Ah
—(2)
FF9h
PCL
FD9h
FSR2L
FB9h
CCPR3H
F99h
TRISH(3)
F79h
—(2)
FF8h
TBLPTRU
FD8h
STATUS
FB8h
CCPR3L
F98h
TRISG
F78h
—(2)
FF7h
TBLPTRH
FD7h
TMR0H
FB7h
CCP3CON
F97h
TRISF
F77h
—(2)
FF6h
TBLPTRL
FD6h
TMR0L
FB6h
—(2)
F96h
TRISE
F76h
—(2)
FF5h
TABLAT
FD5h
T0CON
FB5h
CVRCON
F95h
TRISD
F75h
—(2)
FF4h
PRODH
FD4h
—(2)
FB4h
CMCON
F94h
TRISC
F74h
—(2)
FF3h
PRODL
FD3h
OSCCON
FB3h
TMR3H
F93h
TRISB
F73h
—(2)
FF2h
INTCON
FD2h
HLVDCON
FB2h
TMR3L
F92h
TRISA
F72h
—(2)
FF1h
INTCON2
FD1h
WDTCON
FB1h
T3CON
F91h
LATJ(3)
F71h
—(2)
FF0h
INTCON3
FD0h
RCON
FB0h
PSPCON
F90h
LATH(3)
F70h
—(2)
FEFh
INDF0(1)
FCFh
TMR1H
FAFh
SPBRG1
F8Fh
LATG
F6Fh
SPBRG2
FEEh
POSTINC0(1)
FCEh
TMR1L
FAEh
RCREG1
F8Eh
LATF
F6Eh
RCREG2
FEDh POSTDEC0(1)
FCDh
T1CON
FADh
TXREG1
F8Dh
LATE
F6Dh
TXREG2
FECh
PREINC0(1)
FCCh
TMR2
FACh
TXSTA1
F8Ch
LATD
F6Ch
TXSTA2
FEBh
PLUSW0(1)
FCBh
PR2
FABh
RCSTA1
F8Bh
LATC
F6Bh
RCSTA2
FEAh
FSR0H
FCAh
T2CON
FAAh
—(2)
F8Ah
LATB
F6Ah
—(2)
FE9h
FSR0L
FC9h
SSPBUF
FA9h
—(2)
F89h
LATA
F69h
—(2)
FE8h
WREG
FC8h
SSPADD
FA8h
—(2)
F88h
PORTJ(3)
F68h
—(2)
FE7h
INDF1(1)
FC7h
SSPSTAT
FA7h
—(2)
F87h
PORTH(3)
F67h
—(2)
FE6h
POSTINC1(1)
FC6h
SSPCON1
FA6h
—(2)
F86h
PORTG
F66h
—(2)
FE5h POSTDEC1(1)
FC5h
SSPCON2
FA5h
IPR3
F85h
PORTF
F65h
—(2)
FE4h
PREINC1(1)
FC4h
ADRESH
FA4h
PIR3
F84h
PORTE
F64h
—(2)
FE3h
PLUSW1(1)
FC3h
ADRESL
FA3h
PIE3
F83h
PORTD
F63h
—(2)
FE2h
FSR1H
FC2h
ADCON0
FA2h
IPR2
F82h
PORTC
F62h
—(2)
FE1h
FSR1L
FC1h
ADCON1
FA1h
PIR2
F81h
PORTB
F61h
—(2)
FE0h
BSR
FC0h
ADCON2
FA0h
PIE2
F80h
PORTA
F60h
—(2)
Note
1:
This is not a physical register.
2:
Unimplemented registers are read as ‘0’.
3:
This register is not available on 64-pin devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More