전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MS02A10-32SW 데이터시트(PDF) 16 Page - ITT Industries

부품명 MS02A10-32SW
상세설명  KPSE High performance crimp contact connectors
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ITT [ITT Industries]
홈페이지  http://www.ittcannon.com
Logo ITT - ITT Industries

MS02A10-32SW 데이터시트(HTML) 16 Page - ITT Industries

Back Button MS02A10-32SW Datasheet HTML 12Page - ITT Industries MS02A10-32SW Datasheet HTML 13Page - ITT Industries MS02A10-32SW Datasheet HTML 14Page - ITT Industries MS02A10-32SW Datasheet HTML 15Page - ITT Industries MS02A10-32SW Datasheet HTML 16Page - ITT Industries MS02A10-32SW Datasheet HTML 17Page - ITT Industries MS02A10-32SW Datasheet HTML 18Page - ITT Industries MS02A10-32SW Datasheet HTML 19Page - ITT Industries MS02A10-32SW Datasheet HTML 20Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
A-53
www.ittcannon.com
Dimensions shown in inches (mm)
Specifications and dimensions subject to change
A
Special Versions with Grounding Continuity
Receptacle with Grounding Continuity (for shielded cable)
These connectors are designed for ensuring continuity.
• At the cable shielding level (to protect it against radio
frequency interferences)
• At the grounding level (if it is connected to the
shielding)
The plugs are manufactured with grounding fingers sol-
dered to the front face of the shell. They make contact
with the inner side of the receptacle shell.
Plug and receptacle feature a special endbell which sup-
ports the cable shielding. The connectors are in accor-
dance with the VG 95328 specification.
KPT/KPSE 0E...DZ
Shell
A
B
C
D
E
K
L
M
R
S
øT
Size
+.003-0.13
Min.
+0.5
Max.
1.00
±0.25
Max.
±0.15
±0.15
Max.
±0.15
†8
.472 (12.00)
.360 (6.6)
.630 (16.0)
.524 (13.3)
.590 (15.0)
.531 (13.5)
2.047 (52.0)
.457 (11.6)
.594 (15.1)
.827 (21.0)
.120 (3.05)
10
.590 (15.00)
.362 (9.2)
.709 (18.0)
.634 (16.1)
.590 (15.0)
.531 (13.5)
2.047 (52.0)
.457 (11.6)
.720 (18.3)
.953 (24.2)
.120 (3.05)
12
.750 (19.05)
.480 (12.2)
.866 (22.0)
.787 (20.0)
.669 (17.0)
.531 (13.5)
2.440 (62.0)
.457 (11.6)
.811 (20.6)
1.047 (26.6)
.120 (3.05)
14
.875 (22.23)
.598 (15.2)
.984 (25.0)
.874 (22.2)
.709 (18.0)
.531 (13.5)
2.440 (62.0)
.457 (11.6)
.905 (23.0)
1.142 (29.0)
.120 (3.05)
16
1.00 (25.40)
.720 (18.3)
1.102 (28.0)
1.031 (26.2)
.709 (18.0)
.531 (13.5)
2.440 (62.0)
.457 (11.6)
.968 (24.6)
1.232 (31.3)
.120 (3.05)
18
1.125 (28.58)
.787 (20.0)
1.259 (32.0)
1.122 (28.5)
.709 (18.0)
.531 (13.5)
2.440 (62.0)
.457 (11.6)
1.063 (27.0)
1.327 (33.7)
.120 (3.05)
20
1.25 (31.75)
.905 (23.0)
1.338 (34.0)
1.280 (32.5)
.709 (18.0)
.650 (16.5)
2.440 (62.0)
.561 (14.25)
1.157 (29.4)
1.453 (36.9)
.120 (3.05)
22
1.375 (34.93)
1.023 (26.0)
1.50 (38.0)
1.370 (34.8)
.709 (18.0)
.650 (16.5)
2.440 (62.0)
.561 (14.25)
1.248 (31.7)
1.579 (40.1)
.120 (3.05)
24
1.50 (38.10)
1.134 (28.8)
1.614 (41.0)
1.492 (37.9)
.709 (18.0)
.681 (17.3)
2.440 (62.0)
.594 (15.1)
1.374 (34.9)
1.705 (43.3)
.148 (3.75)
† In series KPSE only contact arrangements 8-3A and 8-33 available
L
D
E
A
K
M
B
T
R
S
C
Cannon KPT/KPSE
MIL-C-26482 Series I Connectors
ca_A1-A163.qxd:Layout 1
2/9/11
7:49 PM
Page 53



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25