전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AS7341 데이터시트(PDF) 62 Page - ams AG

부품명 AS7341
상세설명  11-Channel Multi-Spectral Digital Sensor
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMSCO [ams AG]
홈페이지  http://www.ams.com
Logo AMSCO - ams AG

AS7341 데이터시트(HTML) 62 Page - ams AG

Back Button AS7341 Datasheet HTML 58Page - ams AG AS7341 Datasheet HTML 59Page - ams AG AS7341 Datasheet HTML 60Page - ams AG AS7341 Datasheet HTML 61Page - ams AG AS7341 Datasheet HTML 62Page - ams AG AS7341 Datasheet HTML 63Page - ams AG AS7341 Datasheet HTML 64Page - ams AG AS7341 Datasheet HTML 65Page - ams AG AS7341 Datasheet HTML 66Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 69 page
background image
Document Feedback
AS7341
Application Information
Datasheet
• PUBLIC
DS000504
• v3-00 • 2020-Jun-25
68
│ 61
11.3
Application Optical Requirements
For optimal performance, an achromatic diffuser shall be placed above the device aperture. The
recommended solution is a bulk diffuser that meets the minimum recommended scattering
characteristic shown below. For more details refer to the optical design guide or contact ams.
Figure 94:
Diffuser Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69