전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM29F800B-150FIB 데이터시트(PDF) 21 Page - Advanced Micro Devices

부품명 AM29F800B-150FIB
상세설명  8 Megabit (1,048,576 x 8-Bit/524,288 x 16-Bit) CMOS 5.0 Volt-only, Sector Erase Flash Memory
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMD [Advanced Micro Devices]
홈페이지  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F800B-150FIB 데이터시트(HTML) 21 Page - Advanced Micro Devices

Back Button AM29F800B-150FIB Datasheet HTML 17Page - Advanced Micro Devices AM29F800B-150FIB Datasheet HTML 18Page - Advanced Micro Devices AM29F800B-150FIB Datasheet HTML 19Page - Advanced Micro Devices AM29F800B-150FIB Datasheet HTML 20Page - Advanced Micro Devices AM29F800B-150FIB Datasheet HTML 21Page - Advanced Micro Devices AM29F800B-150FIB Datasheet HTML 22Page - Advanced Micro Devices AM29F800B-150FIB Datasheet HTML 23Page - Advanced Micro Devices AM29F800B-150FIB Datasheet HTML 24Page - Advanced Micro Devices AM29F800B-150FIB Datasheet HTML 25Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 41 page
background image
8/18/97
Am29F800T/Am29F800B
21
PR E L IM IN A R Y
Figure 3.
Data Polling Algorithm
Start
Fail
No
DQ7=Data
?
No
Pass
Yes
No
Yes
Note:
1.
DQ7 is rechecked even if DQ5 = “1” because DQ7 may change simultaneously with DQ5.
DQ7=Data
?
DQ5=1
?
Yes
Read Byte
(DQ0–DQ7)
Addr=VA
Read Byte
(DQ0–DQ7)
Addr=VA
VA = Byte address for programming
= any of the sector addresses within the
sector being erased during sector erase
operation
= Valid address equals any non-protected
sector group address during chip erase
20375C-8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41