| 전자부품 데이터시트 검색엔진 |
|
STM32L151CB-A 데이터시트(PDF) 43 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L151CB-A 데이터시트(HTML) 43 Page - STMicroelectronics |
|
43 / 130 page ![]() DocID024330 Rev 5 43/130 STM32L151x6/8/B-A STM32L152x6/8/B-A Pin descriptions 51 67 41 D7 D11 29 PA8 I/O FT PA8 USART1_CK/MCO/ LCD_COM0 - 68 42 C7 D10 30 PA9 I/O FT PA9 USART1_TX/ LCD_COM1 - 69 43 C6 C12 31 PA10 I/O FT PA10 USART1_RX/ LCD_COM2 - 70 44 C8 B12 32 PA11 I/O FT PA11 USART1_CTS/ SPI1_MISO USB_DM 71 45 B8 A12 33 PA12 I/O FT PA12 USART1_RTS/ SPI1_MOSI USB_DP 72 46 A8 A11 34 PA13 I/O FT JTMS- SWDIO JTMS-SWDIO - 73 - - C11 - PH2 I/O FT PH2 - - 74 47 D5 F11 35 VSS_2 S- VSS_2 -- 75 48 E5 G11 36 VDD_2 S- VDD_2 -- 76 49 A7 A10 37 PA14 I/O FT JTCK- SWCLK JCTK-SWCLK - 77 50 A6 A9 38 PA15 I/O FT JTDI TIM2_CH1_ETR/PA15/ SPI1_NSS/ LCD_SEG17 - 78 51 B7 B11 - PC10 I/O FT PC10 USART3_TX/ LCD_SEG28/ LCD_SEG40/ LCD_COM4 - 79 52 B6 C10 - PC11 I/O FT PC11 USART3_RX/ LCD_SEG29/ LCD_SEG41/ LCD_COM5 - 80 53 C5 B10 - PC12 I/O FT PC12 USART3_CK/ LCD_SEG30/ LCD_SEG42/ LCD_COM6 - 81 - - C9 - PD0 I/O FT PD0 SPI2_NSS/TIM9_CH1 - Table 9. STM32L151x6/8/B-A and STM32L152x6/8/B-A pin definitions (continued) Pins Pin name Main function(2) (after reset) Pins functions Alternate functions Additional functions |