| 전자부품 데이터시트 검색엔진 |
|
STM32L151C6U6ADTR 데이터시트(PDF) 44 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L151C6U6ADTR 데이터시트(HTML) 44 Page - STMicroelectronics |
|
44 / 130 page ![]() Pin descriptions STM32L151x6/8/B-A STM32L152x6/8/B-A 44/130 DocID024330 Rev 5 82 - - B9 - PD1 I/O FT PD1 SPI2_SCK - 83 54 B5 C8 - PD2 I/O FT PD2 TIM3_ETR/LCD_SEG31 /LCD_SEG43/ LCD_COM7 - 84 - - B8 - PD3 I/O FT PD3 USART2_CTS/ SPI2_MISO - 85 - - B7 - PD4 I/O FT PD4 USART2_RTS/ SPI2_MOSI - 86 - - A6 - PD5 I/O FT PD5 USART2_TX - 87 - - B6 - PD6 I/O FT PD6 USART2_RX - 88 - - A5 - PD7 I/O FT PD7 USART2_CK/ TIM9_CH2 - 89 55 A5 A8 39 PB3 I/O FT JTDO TIM2_CH2/PB3/ SPI1_SCK/ LCD_SEG7/JTDO COMP2_INM 90 56 A4 A7 40 PB4 I/O FT NJTRST TIM3_CH1/PB4/ SPI1_MISO/LCD_SEG8 /NJTRST COMP2_INP 91 57 C4 C5 41 PB5 I/O FT PB5 I2C1_SMBA/TIM3_CH2/ SPI1_MOSI/LCD_SEG9 COMP2_INP 92 58 D3 B5 42 PB6 I/O FT PB6 I2C1_SCL/TIM4_CH1/ USART1_TX - 93 59 C3 B4 43 PB7 I/O FT PB7 I2C1_SDA/TIM4_CH2/ USART1_RX PVD_IN 94 60 B4 A4 44 BOOT0 I B BOOT0 - - 95 61 B3 A3 45 PB8 I/O FT PB8 TIM4_CH3/I2C1_SCL/ LCD_SEG16/ TIM10_CH1 - 96 62 A3 B3 46 PB9 I/O FT PB9 TIM4_CH4/I2C1_SDA/ LCD_COM3/ TIM11_CH1 - 97 - - C3 - PE0 I/O FT PE0 TIM4_ETR/LCD_SEG36 / TIM10_CH1 - Table 9. STM32L151x6/8/B-A and STM32L152x6/8/B-A pin definitions (continued) Pins Pin name Main function(2) (after reset) Pins functions Alternate functions Additional functions |