전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32L152V6U6ADTR 데이터시트(PDF) 9 Page - STMicroelectronics

부품명 STM32L152V6U6ADTR
상세설명  Ultra-low-power 32-bit MCU ARM®-based Cortex®-M3,128KB Flash, 32KB SRAM, 4KB EEPROM, LCD, USB, ADC, DAC
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L152V6U6ADTR 데이터시트(HTML) 9 Page - STMicroelectronics

Back Button STM32L152V6U6ADTR Datasheet HTML 5Page - STMicroelectronics STM32L152V6U6ADTR Datasheet HTML 6Page - STMicroelectronics STM32L152V6U6ADTR Datasheet HTML 7Page - STMicroelectronics STM32L152V6U6ADTR Datasheet HTML 8Page - STMicroelectronics STM32L152V6U6ADTR Datasheet HTML 9Page - STMicroelectronics STM32L152V6U6ADTR Datasheet HTML 10Page - STMicroelectronics STM32L152V6U6ADTR Datasheet HTML 11Page - STMicroelectronics STM32L152V6U6ADTR Datasheet HTML 12Page - STMicroelectronics STM32L152V6U6ADTR Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 130 page
background image
DocID024330 Rev 5
9/130
STM32L151x6/8/B-A STM32L152x6/8/B-A
Introduction
51
1
Introduction
This datasheet provides the ordering information and mechanical device characteristics of
the STM32L151x6/8/B-A and STM32L152x6/8/B-A ultra-low-power ARM® Cortex®-M3
based microcontrollers product line.
The ultra-low-power STM32L151x6/8/B-A and STM32L152x6/8/B-A microcontroller family
includes devices in 3 different package types: from 48 to 100 pins. Depending on the device
chosen, different sets of peripherals are included, the description below gives an overview
of the complete range of peripherals proposed in this family.
These features make the ultra-low-power STM32L151x6/8/B-A and STM32L152x6/8/B-A
microcontroller family suitable for a wide range of applications:
•
Medical and handheld equipment
•
Application control and user interface
•
PC peripherals, gaming, GPS and sport equipment
•
Alarm systems, Wired and wireless sensors, Video intercom
•
Utility metering
This STM32L151x6/8/B-A and STM32L152x6/8/B-A datasheet should be read in
conjunction with the STM32L1xxxx reference manual (RM0038). The document "Getting
started with STM32L1xxxx hardware development” AN3216 gives a hardware
implementation overview.
Both documents are available from the STMicroelectronics website www.st.com.
For information on the ARM® Cortex®-M3 core please refer to the Cortex®-M3 Technical
Reference Manual, available from the ARM website.
Figure 1 shows the general block diagram of the device family.
Caution:
This datasheet does not apply to:
– STM32L15xx6/8/B
covered by a separate datasheet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More