| 전자부품 데이터시트 검색엔진 |
|
STM32L151RBT7ADTR 데이터시트(PDF) 30 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L151RBT7ADTR 데이터시트(HTML) 30 Page - STMicroelectronics |
|
30 / 130 page ![]() Functional overview STM32L151x6/8/B-A STM32L152x6/8/B-A 30/130 DocID024330 Rev 5 3.15.5 Window watchdog (WWDG) The window watchdog is based on a 7-bit down-counter that can be set as free-running. It can be used as a watchdog to reset the device when a problem occurs. It is clocked from the main clock. It has an early warning interrupt capability and the counter can be frozen in debug mode. 3.16 Communication interfaces 3.16.1 I²C bus Up to two I²C bus interfaces can operate in multimaster and slave modes. They can support standard and fast modes. They support dual slave addressing (7-bit only) and both 7- and 10-bit addressing in master mode. A hardware CRC generation/verification is embedded. They can be served by DMA and they support SM Bus 2.0/PM Bus. 3.16.2 Universal synchronous/asynchronous receiver transmitter (USART) All USART interfaces are able to communicate at speeds of up to 4 Mbit/s. They provide hardware management of the CTS and RTS signals and are ISO 7816 compliant. They support IrDA SIR ENDEC and have LIN Master/Slave capability. All USART interfaces can be served by the DMA controller. 3.16.3 Serial peripheral interface (SPI) Up to two SPIs are able to communicate at up to 16 Mbits/s in slave and master modes in full-duplex and half-duplex communication modes. The 3-bit prescaler gives 8 master mode frequencies and the frame is configurable to 8 bits or 16 bits. The hardware CRC generation/verification supports basic SD Card/MMC modes. Both SPIs can be served by the DMA controller. 3.16.4 Universal serial bus (USB) The STM32L151x6/8/B-A and STM32L152x6/8/B-A devices embed a USB device peripheral compatible with the USB full speed 12 Mbit/s. The USB interface implements a full speed (12 Mbit/s) function interface. It has software-configurable endpoint setting and supports suspend/resume. The dedicated 48 MHz clock is generated from the internal main PLL (the clock source must use a HSE crystal oscillator). |