| 전자부품 데이터시트 검색엔진 |
|
RFKBES10EC 데이터시트(PDF) 66 Page - Panasonic Semiconductor |
|
|
|||||||||||||||||||||||||||||
RFKBES10EC 데이터시트(HTML) 66 Page - Panasonic Semiconductor |
|
66 / 71 page ![]() Ref. No. Part No. Part Name & Description Pcs Remarks C1517 ECJ1VC1H471J 50V 470P 1 C1518 F2A1A101A389 10V 100U 1 C1520 F1H1A105A028 10V 1U 1 C1521 F1H0J1050012 6.3V 1U 1 C1522 ECJ1VC1H331J 50V 330P 1 C1526 F2A1A101A389 10V 100U 1 C1527 F1J0J106A014 6.3V 10U 1 C1535 F1H1A105A028 10V 1U 1 C1536 F1J0J106A014 6.3V 10U 1 C1538 F1H1A105A028 10V 1U 1 C1539 F1H0J1050012 6.3V 1U 1 C1540 F1H1H1030006 50V 0.01U 1 C3001 F1H1C104A042 16V 0.1U 1 C3002 F1H1H1030006 50V 0.01U 1 C3003,0 4 F1H1C104A042 16V 0.1U 2 C3005,0 6 F2A0J471A016 6.3V 470U 2 C3007 F2A1A4710038 10V 470U 1 C3008 F2A1A1010072 10V 100U 1 C3009 F2A1A4710038 10V 470U 1 C3010 F2A1A1010072 10V 100U 1 C3011 F1H1C104A042 16V 0.1U 1 C3012 F2A1A4710038 10V 470U 1 C3013 F2A1A1010072 10V 100U 1 (EG,EBL,EP,EC ) C3013 F2A1E4700048 25V 47U 1 (EB) C3014- 22 F1H1C104A042 16V 0.1U 9 C3025 F1H1C104A042 16V 0.1U 1 C3026 F1H0J1050012 6.3V 1U 1 C3027 F1H1C104A042 16V 0.1U 1 C3028 ECEA1HKA4R7B 50V 4.7U 1 C3029 F1H1C104A042 16V 0.1U 1 C3030 ECEA1HKA4R7B 50V 4.7U 1 C3031 F1H1H1030006 50V 0.01U 1 C3032 ECEA0JKA101B 6.3V 100U 1 C3033,3 4 F1H1H1030006 50V 0.01U 2 C3035 ECEA0JKA101B 6.3V 100U 1 C3038,3 9 F1H1C104A042 16V 0.1U 2 C3057 F1H1H222A219 50V 2200P 1 C3058 ECJ1VC1H471J 50V 470P 1 C3059 F1H1H222A219 50V 2200P 1 C3060 ECJ1VC1H471J 50V 470P 1 C3064 F1H1C104A042 16V 0.1U 1 C3070,7 1 F1H1H222A219 50V 2200P 2 C3072 F1H1C104A042 16V 0.1U 1 C3910,1 1 F2A1H100A236 50V 10U 2 C3914,1 5 F2A1H100A236 50V 10U 2 C3916,1 7 F2A1H1R0A236 50V 1U 2 C3918,1 9 F2A1H100A236 50V 10U 2 C3928 F2A1V100A534 35V 10U 1 C3929 F2A1H1R0A638 50V 1U 1 C3935 F2A1E2210050 25V 220U 1 C3951,5 2 F1H1H4700004 50V 47P 2 C3953,5 4 ECJ1VC1H471J 50V 470P 2 C3955,5 6 ECJ1VC1H221J 50V 220P 2 C3957,5 8 ECJ1VC1H471J 50V 470P 2 C3961,6 2 ECJ1VC1H221J 50V 220P 2 C4003 F1H0J1050012 6.3V 1U 1 C4005 F2A1H2200032 50V 22U 1 C4006 F2A1H100A236 50V 10U 1 C4008 F2A1E1010067 25V 100U 1 C4011 F2A1H100A236 50V 10U 1 (EB) Ref. No. Part No. Part Name & Description Pcs Remarks C4018 F2A1H4R7A236 50V 4.7U 1 (EB) C4019 F2A1V100A534 35V 10U 1 C4021 F2A1V100A534 35V 10U 1 C4023 F2A1H100A236 50V 10U 1 C4024 F2A1E1010067 25V 100U 1 C4025 F2A1H100A236 50V 10U 1 C4027 F2A1H2200032 50V 22U 1 C4028 F2A1H100A236 50V 10U 1 C4033,3 4 F2A1C470A637 16V 47U 2 C4055 F1H1C104A008 16V 0.1U 1 C4056 F2A1C471A628 16V 470U 1 C4057 ECJ2VC1H330J 50V 33P 1 C4059 ECQV1H104JL3 50V 0.1U 1 C4060 ECJ2VC1H330J 50V 33P 1 C4061 F1H1C104A008 16V 0.1U 1 C4062- 64 F2A1C470A637 16V 47U 3 C4065 F1H1C104A008 16V 0.1U 1 C4067 F2A1E4700048 25V 47U 1 C4070 F2A1C470A637 16V 47U 1 C4072 F2A1C470A637 16V 47U 1 C4077 F1H1C104A008 16V 0.1U 1 C4082,8 3 ECJ2VC1H561J 50V 560P 2 C4092 F2A1C101A637 16V 100U 1 C4901 F2A0J470A599 6.3V 47U 1 C4902 F1H1C104A008 16V 0.1U 1 C4903 F2A1E4700048 25V 47U 1 C4904,0 5 F1H1C104A008 16V 0.1U 2 C7401 F2A1C471A628 16V 470U 1 C7402 ECJ1VC1H471J 50V 470P 1 C7403 F2A0J470A599 6.3V 47U 1 C7404 F1H0J1050012 6.3V 1U 1 C7405 F1H1C104A042 16V 0.1U 1 C7406 F1H1A105A028 10V 1U 1 C7407,0 8 F1H1C104A042 16V 0.1U 2 C7409 F1H1H9R0A735 50V 9P 1 (EG) C7416 F2A1E4700048 25V 47U 1 C7427 F1H1H222A219 50V 2200P 1 C7439 F1H1C104A042 16V 0.1U 1 C7447,4 8 F1H0J1050012 6.3V 1U 2 C7501 F1J0J475A008 6.3V 4.7U 1 C7502 F1H1H1010005 50V 100P 1 C7503 F1J0J475A008 6.3V 4.7U 1 C7504,0 5 F1H1C104A042 16V 0.1U 2 C7507 F1H1C104A008 16V 0.1U 1 C7510 F1H1C104A042 16V 0.1U 1 C7511 F1H1H1010005 50V 100P 1 C7512 F1H1C104A008 16V 0.1U 1 C7516,1 7 ECJ1VC1H180J 50V 18P 2 C7518 ECJ1VC1H220J 50V 22P 1 C7519 ECJ1VC1H180J 50V 18P 1 C7520 F1H1C104A042 16V 0.1U 1 C7522 F1H1H1010005 50V 100P 1 C7523 F1H1H1030006 50V 0.01U 1 C7524 F1H1C104A042 16V 0.1U 1 C7528 F1H1C104A008 16V 0.1U 1 C7529 ECEA0JKA470B 6.3V 47U 1 C7531,3 2 ECJ1VC1H100D 50V 10P 2 C7533 ECEA0JKA470B 6.3V 47U 1 C7534 F1H1H1030006 50V 0.01U 1 C7535 F1H1C104A008 16V 0.1U 1 C7539 F1H1H4700004 50V 47P 1 C7540 F1H1H1030006 50V 0.01U 1 C7541 F1H1H4700004 50V 47P 1 C7542 F1H1C104A042 16V 0.1U 1 C7543 F1H1H4700004 50V 47P 1 C7544 F1H1C104A042 16V 0.1U 1 66 DMR-ES10EB / DMR-ES10EC / DMR-ES10EG / DMR-ES10EP / DMR-ES10EBL |